Electronic Components Datasheet Search
  English  ▼

X  

LTC1164 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1164
Description  Low Power, Low Noise, Quad Universal Filter Building Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1164 Datasheet HTML 8Page - Linear Technology LTC1164 Datasheet HTML 9Page - Linear Technology LTC1164 Datasheet HTML 10Page - Linear Technology LTC1164 Datasheet HTML 11Page - Linear Technology LTC1164 Datasheet HTML 12Page - Linear Technology LTC1164 Datasheet HTML 13Page - Linear Technology LTC1164 Datasheet HTML 14Page - Linear Technology LTC1164 Datasheet HTML 15Page - Linear Technology LTC1164 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC1164
13
1164fa
LTC1164 8th Order Lowpass,
Elliptic-Bessel Traditional Filter
Single 5V Supply
Transient Response
LTC1164 • AC05
FREQUENCY (Hz)
1k
500
–90.00
–70.00
– 40.00
10.00
10k
50k
–10.00
–80.00
–60.00
–50.00
–30.00
0.0
–20.00
fCLK = 500kHz
f-3dB=5kHz
100µs/DIV
INPUT 1kHz, 1V SQUAREWAVE
0.5V/DIV
Figure 12. 8th Order Lowpass Single Supply Elliptic-Bessel Transitional Filter
Total Supply Current = 4mA, Passband Noise 50µVRMS
LTC1164 • AC04
124
223
322
421
520
619
0.1µF
718
817
916
10
15
11
14
12
13
LTC1164
LT1004
5V
2.5V
2.5V
7.5k
5V
215k
95.3k
102k
107k
1k
52.3k
48.7k
40.2k
267k
78.7k
69.8k
84.5k
41.2k
40.2k
63.4k
VIN
VOUT
fCLK
fCLK = 500kHz
60.4k
40.2k
88.7k
46.4k
0.1µF
f–3dB =
fCLK
100
–
+
LT1006
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com