Electronic Components Datasheet Search
  English  ▼

X  

LTC1410 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1410
Description  12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1410 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1410 Datasheet HTML 2Page - Linear Technology LTC1410 Datasheet HTML 3Page - Linear Technology LTC1410 Datasheet HTML 4Page - Linear Technology LTC1410 Datasheet HTML 5Page - Linear Technology LTC1410 Datasheet HTML 6Page - Linear Technology LTC1410 Datasheet HTML 7Page - Linear Technology LTC1410 Datasheet HTML 8Page - Linear Technology LTC1410 Datasheet HTML 9Page - Linear Technology LTC1410 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1410
PI FU CTIO S
+AIN (Pin 1): Positive Analog Input, ±2.5V.
–AIN (Pin 2): Negative Analog Input, ±2.5V.
VREF (Pin 3): 2.50V Reference Output.
REFCOMP (Pin 4): 4.06V Reference Bypass Pin. By-
pass to AGND with 10
µF tantalum in parallel with 0.1µF
ceramic.
AGND (Pin 5): Analog Ground.
D11 to D4 (Pins 6 to 13): Three-State Data Outputs.
DGND (Pin 14): Digital Ground for Internal Logic. Tie to
AGND.
D3 to D0 (Pins 15 to 18): Three-State Data Outputs.
OGND (Pin 19): Digital Ground for Output Drivers. Tie
to AGND.
NAP/SLP (Pin 20): Power Shutdown Mode. Selects the
mode invoked by the SHDN pin. Low selects Sleep
mode and high selects quick wake-up Nap mode.
FU CTIO AL BLOCK DIAGRA
12-BIT CAPACITIVE DAC
COMP
REF AMP
2k
2.5V REF
REFCOMP
(4V)
CSAMPLE
CSAMPLE
•
•
•
D11
D0
BUSY
CONTROL LOGIC
CS
CONVST RD
SHDN
INTERNAL
CLOCK
NAP/SLP
ZEROING SWITCHES
DVDD
VSS
AVDD
+AIN
–AIN
VREF
AGND
DGND
12
LTC1410 • BD
+
–
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
SHDN (Pin 21): Power Shutdown Input. A low logic
level will invoke the Shutdown mode selected by the
NAP/SLP pin.
RD (Pin 22): Read Input. This enables the output
drivers when CS is low.
CONVST (Pin 23): Conversion Start Signal. This active
low signal starts a conversion on its falling edge.
CS (Pin 24): The Chip Select input must be low for the
ADC to recognize CONVST and RD inputs.
BUSY (Pin 25): The BUSY output shows the converter
status. It is low when a conversion is in progress. Data
valid on the rising edge of BUSY.
VSS (Pin 26): –5V Negative Supply. Bypass to AGND
with 10
µF tantalum in parallel 0.1µF ceramic.
DVDD (Pin 27): 5V Positive Supply. Short to Pin 28.
AVDD (Pin 28): 5V Positive Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF ceramic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com