Electronic Components Datasheet Search
  English  ▼

X  

LTC1412 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1412
Description  12-Bit, 3Msps, Sampling A/D Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1412 Datasheet(HTML) 1 Page - Linear Technology

  LTC1412 Datasheet HTML 1Page - Linear Technology LTC1412 Datasheet HTML 2Page - Linear Technology LTC1412 Datasheet HTML 3Page - Linear Technology LTC1412 Datasheet HTML 4Page - Linear Technology LTC1412 Datasheet HTML 5Page - Linear Technology LTC1412 Datasheet HTML 6Page - Linear Technology LTC1412 Datasheet HTML 7Page - Linear Technology LTC1412 Datasheet HTML 8Page - Linear Technology LTC1412 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1412
12-Bit, 3Msps,
Sampling A/D Converter
The LTC
®1412 is a 12-bit, 3Msps, sampling A/D con-
verter. This high performance device includes a high
dynamic range sample-and-hold and a precision refer-
ence. Operating from
±5V supplies it draws only 150mW.
The
±2.5V input range is optimized for low noise and low
distortion. Most high performance op amps also perform
best over this range, allowing direct coupling to the analog
inputs and eliminating the need for special translation
circuitry. Outstanding AC performance includes 72dB
S/(N + D) and 82dB SFDR at the Nyquist input frequency
of 1.5MHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 40MHz
bandwidth. The 60dB common mode rejection allows
users to eliminate ground loops and common mode noise
by measuring signals differentially from the source.
The ADC has a high speed 12-bit parallel output port. There
is no pipeline delay in the conversion results. A separate
convert start input and converter status signal (BUSY)
ease connections to FIFOs, DSPs and microprocessors. A
digital output driver power supply pin allows direct con-
nection to 3V logic.
DESCRIPTION
FEATURES
TYPICAL APPLICATION
12-BIT ADC
12
5V
OPTIONAL
3V LOGIC
SUPPLY
10
µF
AVDD
DVDD
OVDD
OGND
1412 TA01
DGND
D11 (MSB)
D0 (LSB)
BUSY
S/H
BUFFER
LTC1412
4.0625V
2k
–5V
2.5V
REFERENCE
TIMING AND
LOGIC
OUTPUT
BUFFERS
•
•
•
CS
CONVST
AGND
VSS
10
µF
10
µF
VREF
COMP
AIN
–
AIN
+
Effective Bits and Signal-to-Noise + Distortion
vs Input Frequency
INPUT FREQUENCY (Hz)
2
4
6
8
10
1k
100k
1M
10M
1412 G01
0
10k
12
62
74
56
68
s
Telecommunications
s
Digital Signal Processing
s
Mulitplexed Data Acquisition Systems
s
High Speed Data Acquisition
s
Spectrum Analysis
s
Imaging Systems
APPLICATIONS
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Sample Rate: 3Msps
s
72dB S/(N + D) and 82dB SFDR at Nyquist
s
±0.35LSB INL and ±0.25LSB DNL (Typ)
s
Power Dissipation: 150mW
s
External or Internal Reference Operation
s
True Differential Inputs Reject Common Mode Noise
s
40MHz Full Power Bandwidth Sampling
s
±2.5V Bipolar Input Range
s
No Pipeline Delay
s
28-Pin SSOP Package


Similar Part No. - LTC1412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
648Kb / 22P
Serial 12-Bit/14-Bit, 2.8Msps
LTC1412 LINER-LTC1412 Datasheet
358Kb / 18P
Serial 12-Bit/14-Bit, 3.5Msps
LTC1412C LINER-LTC1412C Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
LTC1412CG LINER-LTC1412CG Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
More results

Similar Description - LTC1412

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
12-Bit 3ms Sampling A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
06 1999
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
12-Bit, 3Msps, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
Micropower Sampling 12-Bit A/D Converter
logo
Linear Technology
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
12-Bit Plus Sign Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
12-Bit, 3MSPS, Sampling A/D Converter
July 2000
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com