Electronic Components Datasheet Search
  English  ▼

X  

LTC1429 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1429
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429 Datasheet(HTML) 1 Page - Linear Technology

  LTC1429 Datasheet HTML 1Page - Linear Technology LTC1429 Datasheet HTML 2Page - Linear Technology LTC1429 Datasheet HTML 3Page - Linear Technology LTC1429 Datasheet HTML 4Page - Linear Technology LTC1429 Datasheet HTML 5Page - Linear Technology LTC1429 Datasheet HTML 6Page - Linear Technology LTC1429 Datasheet HTML 7Page - Linear Technology LTC1429 Datasheet HTML 8Page - Linear Technology LTC1429 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1429
I
Regulated Negative Voltage from a Single
Positive Supply
I
External Clock for Synchronization in Noise
Sensitive Systems
I
REG Output Indicates Output is in Regulation
I
Low Output Ripple: 5mV Typ
I
Can Provide Regulated –5V from a 3V Supply
I
Supply Current: 600
µA Typ
I
Shutdown Mode Drops Supply Current to 0.2
µA
I
Up to 12mA Output Current
I
Adjustable or Fixed Output Voltages
I
Requires Only Three or Four External Caps
I
Output Regulation: 5%
I
Available in SO-8 Packages
The LTC®1429 is a switched-capacitor voltage inverter de-
signed to provide a regulated negative voltage from a single
positive supply and permits clock synchronization in noise
sensitivesystems.TheLTC1429CSoperatesfromasingle3V
to 8V supply and provides an adjustable output voltage from
–1.25V to –8V. An on-chip resistor string allows the
LTC1429CS to be configured for output voltages of –3.5V,
–4V, –4.5V or –5V. The LTC1429CS8 is optimized for
applications which require a fixed –4V output from a 5V
supply and requires only a single external 0.1
µF flying
capacitor. The LTC1429CS requires one or two external
0.1
µF capacitors, depending on input voltage. Both versions
require additional external input and output bypass capaci-
tors. An optional compensation capacitor at ADJ/COMP can
be used to reduce the output voltage ripple.
EachversionoftheLTC1429guaranteesoutputregulationof
5%. The LTC1429 includes an open-drain REG output which
pullslowwhentheoutputiswithin5%ofthesetvalue.Output
ripple is typically as low as 5mV. The LTC1429 requires an
external clock applied to the SYNC/SD for normal operation
and consumes a typical quiescent current of 600
µA. Holding
the SYNC/SD either high or low brings the device into
shutdown and the supply current drops to 0.2
µA. For appli-
cationswhichdon’thaveaclocksignalavailable,theLTC1261
providesthesamefunctionalitywithaninternaloscillator.For
applications which require output ripple below 1mV, see the
LTC1550/LTC1551. The LTC1429CS is available in a 14-pin
SO package and the LTC1429CS8 is available in an 8-pin SO
package.
Clock-Synchronized
Switched Capacitor
Regulated Voltage Inverter
FEATURES
DESCRIPTION
I
GaAs FET Bias Generators
I
Negative Supply Generators
I
Battery Powered Systems
I
Single Supply Applications
APPLICATIONS
TYPICAL APPLICATION
–4V Generator with Power Valid
, LTC and LT are registered trademarks of Linear Technology Corporation.
1
2
3
4
8
7
6
5
C2
0.1
µF
C1
0.1
µF
*C3
0.001
µF
VOUT = –4V AT 10mA
POWER VALID
5V
5V
C4
3.3
µF
VCC
GND
C1+
C1–
SYNC/SD
COMP
REG
OUT
LTC1429-4CS8
10k
LTC1429 • TA01
*OPTIONAL
0.2ms/DIV
0V
5V
SYNC/SD
0V
5V
POWER VALID
–4V
0V
VOUT
Waveforms for –4V Generator with Power Valid
LTC1429 • TA02
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC1429

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1429 LINER-LTC1429 Datasheet
275Kb / 12P
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1429CS LINER-LTC1429CS Datasheet
275Kb / 12P
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1429CS8-4 LINER-LTC1429CS8-4 Datasheet
275Kb / 12P
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
More results

Similar Description - LTC1429

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
Switched Capacitor Regulated Voltage Inverter
LTC1429 LINER-LTC1429 Datasheet
275Kb / 12P
Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
Low Noise Regulated Switched Capacitor Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
logo
Linear Technology
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
Switched Capacitor Voltage Inverter
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
Low-Noise Regulated Switched-Capacitor Voltage Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com