Electronic Components Datasheet Search
  English  ▼

X  

LTC1840 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1840
Description  Dual Fan Controller with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840 Datasheet(HTML) 1 Page - Linear Technology

  LTC1840 Datasheet HTML 1Page - Linear Technology LTC1840 Datasheet HTML 2Page - Linear Technology LTC1840 Datasheet HTML 3Page - Linear Technology LTC1840 Datasheet HTML 4Page - Linear Technology LTC1840 Datasheet HTML 5Page - Linear Technology LTC1840 Datasheet HTML 6Page - Linear Technology LTC1840 Datasheet HTML 7Page - Linear Technology LTC1840 Datasheet HTML 8Page - Linear Technology LTC1840 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1840
1
1840f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
The LTC
®1840 is a fan controller with two 8-bit current
output DACs, two tachometer interfaces, and four general
purpose I/O (GPIO) pins. It operates from a single supply
with a range of 2.7V to 5.75V. A current output DAC is used
to control an external switching regulator, which controls
the fan speed. A current output DAC and tachometer allow
a controller to form a closed control loop on fan velocity.
The GPIO pins can be used as digital inputs or open drain
pull-down outputs.
The part features a simple 2-wire I2C and SMBus compat-
ible serial interface that allows communication between
many devices. The interface includes a fault status register
that reflects the state of the part and which can be polled
to find the cause of a fault condition. Other operational
characteristics of the part, such as DAC output currents,
GPIO modes, and tachometer frequency, are also pro-
grammed through the serial interface. Two address pins
provide nine possible device addresses.
The BLAST pin is provided to force the DAC output
currents to program the maximum regulator output
voltages through a single pin and gate the operation of the
serial access timer.
s
Servers
s
Desktop Computers
s
Power Supplies
s
Cooling Systems
s
Two 8-Bit Current DACs
s
DACs Guaranteed Monotonic
s
Known IC State on Power-Up
s
Serial Interface Watchdog Timer with Disable
s
2-Wire Serial Interface Compatible with I2C
TM
and SMBus
s
2 Programmable Fan Tachometer Interfaces
s
4 Programmable General Purpose I/Os
s
Small 16-Pin SSOP Package
s
Single 2.7V to 5.75V Supply Operation
s
Fault Output Signal
s
Status Register
s
Fan Blasting Function
s
Nine Addresses Using Two Programming Lines
Dual Fan Controller
with 2-Wire Interface
1840 TA01
+
CFB1
100pF
CC1
220pF
RSENSE1
0.05
Ω
RSENSE2
0.05
Ω
RFB1A
75k
RFB1B
28k
COUT1
150
µF
+
DC
FAN
CVIN1
22
µF
L1 47
µH
Si6447DQ
UPS5817
TACH
OUT
3.3V
3.3V
3.3V
3.3V
3.3V
GND
VCC
+
CFB2
100pF
CC2
220pF
RFB2A
75k
RFB2B
28k
COUT2
150
µF
+
DC
FAN
CVIN2
22
µF
L2 47
µH
Si6447DQ
UPS5817
TACH
OUT
3.3V
12V
12V
SYSTEM
RESET
GPI04
BLAST
IDACOUTA
GPI03
IDACOUTB
TACHB
TACHA
FAULT
SDA
SCL
A0
A1
GPI01
GPI02
LTC1840
RC1
10k
RC2
10k
TO
MASTER
NC
NC
130
Ω
LED1
130
Ω
LED2
ADDRESS = 1110010
(8 OTHERS POSSIBLE)
2-NMB 6820PL-04W-B29-D50 FANS
1.1A NOM AT 12V
10k
10k
10k
+
10
µF
0.1
µF
RUN/SS
ITH
VFB
GND
VIN
SENSE
PGATE
MODE
LTC1771
RUN/SS
ITH
VFB
GND
VIN
SENSE
PGATE
MODE
LTC1771
Low Parts Count, High Efficiency Dual Fan Control
, LTC and LT are registered trademarks of Linear Technology Corporation.
I2C is a trademark of Philips Electronics N.V.


Similar Part No. - LTC1840

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1840 LINER-LTC1840 Datasheet
203Kb / 12P
Dual Fan Controller with 2-Wire Interface
LTC1840CGN LINER-LTC1840CGN Datasheet
203Kb / 12P
Dual Fan Controller with 2-Wire Interface
LTC1840IGN LINER-LTC1840IGN Datasheet
203Kb / 12P
Dual Fan Controller with 2-Wire Interface
More results

Similar Description - LTC1840

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1840 LINER-LTC1840 Datasheet
203Kb / 12P
Dual Fan Controller with 2-Wire Interface
logo
Maxim Integrated Produc...
MAX6640 MAXIM-MAX6640 Datasheet
724Kb / 22P
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 0; 8/04
MAX6639 MAXIM-MAX6639 Datasheet
282Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 0; 5/05
MAX6639 MAXIM-MAX6639_07 Datasheet
325Kb / 24P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 1; 12/07
MAX6639 MAXIM-MAX6639_08 Datasheet
203Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
Rev 2; 4/08
MAX6640 MAXIM-MAX6640_08 Datasheet
218Kb / 21P
2-Channel Temperature Monitor with Dual Automatic PWM Fan-Speed Controller
Rev 2; 10/08
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_06 Datasheet
260Kb / 18P
2-Wire Serial I/O Expander and Fan Controller
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
2-Wire Serial I/O Expander and Fan Controller
logo
Maxim Integrated Produc...
MAX6639 MAXIM-MAX6639_V01 Datasheet
260Kb / 22P
2-Channel Temperature Monitor with Dual, Automatic, PWM Fan-Speed Controller
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com