Electronic Components Datasheet Search
  English  ▼

X  

KTD545 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTD545
Description  EPITAXIAL PLANAR NPN TRANSISTOR (LOW FREQUENCY POWER AMP, ELECTRONIC GOVERNOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD545 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTD545 Datasheet HTML 1Page - KEC(Korea Electronics) KTD545 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 8. 7
2/2
KTD545
Revision No : 1
0.01
300
100
30
10
COLLECTOR CURRENT I
(mA)
C
V
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I - V
CCE
12
3
4
5
6
7
200
400
600
800
CE(sat)
C
1k
3k
10k
0.03
0.05
0.1
0.3
0.5
1.0
I /I =10
C
FE
C
8
I =0mA
B
COLLECTOR-EMITTER VOLTAGE V
(V)
0
0
200
400
0.2
600
800
0.8
0.4
0.6
1.0
CE
I - V
CCE
1000
BASE-EMITTER VOLTAGE V
(V)
0
0
0.2
0.4
0.2
0.4
0.6
0.8
1.4
0.6
0.8
1.0
1.2
1.6
BE
I - V
C
BE
1.0
1.2
1.4
V
=2V
CE
2.0
B
COLLECTOR CURRENT I
(mA)
300
10
30
10
13
30
C
100
1k
V
=10V
CE
500
50
100
300
1K
2K
f - I
TC
1
3
10
30
1
100
300
1k
3k
10k
3
5
10
30
50
100
300
500
V
=2V
CE
B
I =1mA
I =2mA
B
I =4mA
B
I =6mA
B
I =8mA
B
I =10mA
B
0.1
0.3
0.5
0.7
0.9
B
I =0mA
I =1mA
B
I =3mA
B
I =5mA
B
I =8mA
B
I =10mA
B
I =15mA
B
I =20mA
B
I =30mA
B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com