Electronic Components Datasheet Search
  English  ▼

X  

AN3209 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3209
Description  Developing your M24LR64-R datalogger application for temperature acquisition
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3209 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3209 Datasheet HTML 12Page - STMicroelectronics AN3209 Datasheet HTML 13Page - STMicroelectronics AN3209 Datasheet HTML 14Page - STMicroelectronics AN3209 Datasheet HTML 15Page - STMicroelectronics AN3209 Datasheet HTML 16Page - STMicroelectronics AN3209 Datasheet HTML 17Page - STMicroelectronics AN3209 Datasheet HTML 18Page - STMicroelectronics AN3209 Datasheet HTML 19Page - STMicroelectronics AN3209 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Component overview
AN3209
16/42
Doc ID 17419 Rev 2
Figure 11.
STM8L101K3 functional block diagram
2.2.2
STM8L101K3 I2C interface
The STM8L101K3 I2C peripheral allows multimaster and slave communications with bus
error management in standard (up to 100 kHz) or fast (up to 400 kHz) mode. In the
demonstration datalogger application, only the single master mode is used.
I2C synchronous communications require only two signals: SCL (Serial clock line) and SDA
(Serial data line). The corresponding port pins must be configured as floating inputs. Refer
to the STM8L101K3 datasheet for additional details.
To manage errors resulting from I2C and RF arbitration, an error management mode has
been implemented in the I2C library, i2c_ee.c, called by the M24LR64-
R_Datalogger_application_firmware (see AN3057 for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com