Electronic Components Datasheet Search
  English  ▼

X  

AN3225 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3225
Description  Audio software codec
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3225 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3225 Datasheet HTML 5Page - STMicroelectronics AN3225 Datasheet HTML 6Page - STMicroelectronics AN3225 Datasheet HTML 7Page - STMicroelectronics AN3225 Datasheet HTML 8Page - STMicroelectronics AN3225 Datasheet HTML 9Page - STMicroelectronics AN3225 Datasheet HTML 10Page - STMicroelectronics AN3225 Datasheet HTML 11Page - STMicroelectronics AN3225 Datasheet HTML 12Page - STMicroelectronics AN3225 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN3225
Conclusion
Doc ID 17566 Rev 3
11/13
4
Conclusion
This application note offers a simple and ready-to-use application solution for the
STM8L/STM8AL with good quality audio/speech output.
The solution offered benefits from the STM8L/STM8AL on-chip DAC with a 12-bit resolution
and the advanced low-power modes of the STM8L/STM8AL microcontroller which are
aimed at battery-powered applications.
To adequately reduce memory space which allows an audio bitstream to be stored, an IMA
ADPCM codec is implemented. Short audio clips can be stored directly in the internal
program memory. To store long length audio clips, an external memory is needed. The SD
card was used as an example in this application note.
The STM8L/STM8AL audio output solution was developed with the aim to limit external
components. It is suitable for low cost applications.
5
References
IMA Digital Audio Focus and Technical Working Group, Recommended Practices for
Enhancing Digital Audio Compatibility in Multimedia Systems, revision 3.00, October 21,
1992. No longer available on http://www.ima.org.
Maël Hörz, HxD, revision 1.7.7.0 - hexa editor, http://mh-nexus.de.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com