Electronic Components Datasheet Search
  English  ▼

X  

AN3259 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3259
Description  RS232 communications with a terminal using the STM8S-DISCOVERY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3259 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3259 Datasheet HTML 16Page - STMicroelectronics AN3259 Datasheet HTML 17Page - STMicroelectronics AN3259 Datasheet HTML 18Page - STMicroelectronics AN3259 Datasheet HTML 19Page - STMicroelectronics AN3259 Datasheet HTML 20Page - STMicroelectronics AN3259 Datasheet HTML 21Page - STMicroelectronics AN3259 Datasheet HTML 22Page - STMicroelectronics AN3259 Datasheet HTML 23Page - STMicroelectronics AN3259 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Configuring your terminal window
AN3259
20/25
Doc ID 17835 Rev 1
Appendix B
Configuring your terminal window
The terminal window connected to the STM8S-DISCOVERY must be configured with the
following settings valid for all terminal types:
●
Communication port: COM1 or other available
●
Bits per second: 9600
●
Data bits: 8
●
Parity: none
●
Stop bits: 1
●
Flow control: none
To provide a ready-to-use application example, a preconfigured terminal using Windows
HyperTerminal and COM1 port is provided within the project folder. To launch it, simply
execute the .ht file included in the project.
However, you can also set up a new connection with the STM8S-DISCOVERY based on
Windows HyperTerminal and related to this example by following the steps below:
1.
Open Windows HyperTerminal application and choose a connection name, such as
“MyConnection” and validate it by clicking OK.
Figure 10.
Launching Windows HyperTerminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25