Electronic Components Datasheet Search
  English  ▼

X  

AN3260 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3260
Description  Building a thermometer using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3260 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3260 Datasheet HTML 12Page - STMicroelectronics AN3260 Datasheet HTML 13Page - STMicroelectronics AN3260 Datasheet HTML 14Page - STMicroelectronics AN3260 Datasheet HTML 15Page - STMicroelectronics AN3260 Datasheet HTML 16Page - STMicroelectronics AN3260 Datasheet HTML 17Page - STMicroelectronics AN3260 Datasheet HTML 18Page - STMicroelectronics AN3260 Datasheet HTML 19Page - STMicroelectronics AN3260 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Software description
AN3260
16/24
Doc ID 17836 Rev 1
buffer array. If this temperature value exceeds the high threshold or is below the low
threshold, LD1 is switched on.
The current temperature is displayed on the terminal window once per minute together with
a specific informative message when it is critical.
A pair of maximum and minimum measured temperatures is recorded in data EEPROM over
one-hour period. Up to 10 pairs can be stored in EEPROM. This means that a history of ten
hour measurements is kept. Writing the 11th hour data resets the EEPROM address pointer
and overwrites the previous data. As a consequence, the data from the previous ten hours
will be overwritten.
When entering states 1 and 2, the TIM3 counter is disabled as the normal mode is exited.
When exiting these states, the timer registers are reassigned and the counter is enabled
again to resume the default execution mode.
Figure 7 shows the flowchart of the State_Machine() function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com