Electronic Components Datasheet Search
  English  ▼

X  

KTH2369 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTH2369
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTH2369 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTH2369 Datasheet HTML 1Page - KEC(Korea Electronics) KTH2369 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 6. 17
2/2
KTH2369/A
Revision No : 2
BASE-EMITTER VOLTAGE V
(V)
BE
BE
C
I
- V
COLLECTOR CURRENT I
(mA)
C
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
V
- I
BE(sat)
C
0.1
0
0.01
1
CE
V
=1V
10
100
COLLECTOR CURRENT I
(mA)
C
h
- I
FE
C
50
100
150
200
I /I =10
0.3
0.1
0.3
1
3
10
30
Ta=-40 C
C B
300
100
COMMON EMITTER
Ta=-40 C
Ta=25 C
Ta=125 C
Ta=125 C
0
0.1
0.3
1
3
10
30
300
100
COMMON EMITTER
I /I =10
C B
0.1
0.2
0.3
0.4
0.5
Ta=-40 C
Ta=25 C
0.5
0.7
0.9
1.1
1.3
1.5
Ta=25 C
Ta=125 C
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P - Ta
0
50
10
0.1
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
, C
- V
ob
CB
1.0
3.0
COMMON
C ibo
f=1MHz
25
100
200
300
400
500
600
700
0.3
3
0
1.0
2.0
3.0
4.0
5.0
Ta=25 C
obo
C
EMITTER
EMITTER-BASE VOLTAGE V
(V)
EB
ib
EB
0.1
0
0.3
COMMON EMITTER
V
=1V
CE
0.2
0.4
0.6
0.8
1.0
0.5
1
3
5
10
30
50
75
100
125
150
175



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com