Electronic Components Datasheet Search
  English  ▼

X  

AN3298 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3298
Description  STM8S DALI slave library
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3298 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3298 Datasheet HTML 4Page - STMicroelectronics AN3298 Datasheet HTML 5Page - STMicroelectronics AN3298 Datasheet HTML 6Page - STMicroelectronics AN3298 Datasheet HTML 7Page - STMicroelectronics AN3298 Datasheet HTML 8Page - STMicroelectronics AN3298 Datasheet HTML 9Page - STMicroelectronics AN3298 Datasheet HTML 10Page - STMicroelectronics AN3298 Datasheet HTML 11Page - STMicroelectronics AN3298 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
DALI information
AN3298
8/27
Doc ID 18098 Rev 1
Collisions between several DALI masters on the DALI bus are solved on the basis of timing
priorities. When a collision is detected (the DALI master should check the sent data),
communication is muted for a period of time according to the assigned master priority. There
are five defined priority levels: 12 ms, 13 ms, 14 ms, 15 ms, and 16 ms. The longest waiting
time has less priority.
Figure 2.
Example of DALI device connections
Figure 3.
Voltage and currents on the DALI bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com