Electronic Components Datasheet Search
  English  ▼

X  

KTK211 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTK211
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK211 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTK211 Datasheet HTML 1Page - KEC(Korea Electronics) KTK211 Datasheet HTML 2Page - KEC(Korea Electronics) KTK211 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 2. 25
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTK211
N CHANNEL JUNCTION FIELD
EFFECT TRANSISTOR
Revision No : 2
HIGH FREQUENCY APPLICATION.
VHF BAND AMPLIFIER APPLICATION.
FEATURES
Low Noise Figure : NF=2.5dB(Typ.) (f=100MHz).
High Forward Transfer Admittance.
: |yfs| =9mS(Typ.)
Extremely Low Reverse Transfer Capacitance.
: Crss=0.1pF(Typ.)
MAXIMUM RATING (Ta=25 )
DIM
MILLIMETERS
1. GATE
2. DRAIN
3. SOURCE
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.45+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
RATING
UNIT
Gate-Drain Voltage
VGDO
-18
V
Gate Current
IG
10
mA
Drain Power Dissipation
PD
150
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Gate Leakage Current
IGSS
VGS=-0.5V, VDS=0
-
-
-10
nA
Gate-Drain Breakdown Voltage
V(BR)GDO
IG=-100 A
-18
-
-
V
Drain Current
IDSS (Note)
VGS=0, VDS=10V
1.0
-
15
mA
Gate-Source Cut-off Voltage
VGS(OFF)
VDS=10V, ID=1 A
-0.4
-
-4.0
V
Foward Transfer Admittance
|yfs|
VDS=10V, VGS=0, f=1kHz
-
9
-
mS
Reverse Transfer Capacitance
Crss
VGD=-10V, f=1MHz
-
0.10
0.15
pF
Power Gain
GPS
VDD=10V, f=100MHz (Fig.)
-
18
-
dB
Noise Figure
NF
VDD=10V, f=100MHz (Fig.)
-
2.5
3.5
dB
Note : IDSS Classification
O:1.0 3.0, Y:2.5 6.0,
GR(G):5.0 10.0, BL(B):9.0 15.0
I
Rank
Type Name
Marking
Lot No.
K
DSS


Similar Part No. - KTK211

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
KTK EATON-KTK Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
List of Unclassifed Man...
KTK-1 ETC2-KTK-1 Datasheet
59Kb / 1P
Fast-Acting Fuses 600 Volt, 1/10 - 30 Amps
logo
Cooper Bussmann, Inc.
KTK-1 COOPER-KTK-1 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Eaton All Rights Reserv...
KTK-1 EATON-KTK-1 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
KTK-1-1/2 COOPER-KTK-1-1/2 Datasheet
279Kb / 2P
KTK 13??2? x 1-1??? 600Vac fast-acting supplemental fuses
More results

Similar Description - KTK211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK161 TOSHIBA-2SK161 Datasheet
240Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK192A TOSHIBA-2SK192A Datasheet
234Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
logo
KEC(Korea Electronics)
KTK161 KEC-KTK161 Datasheet
80Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
KTK596 KEC-KTK596 Datasheet
41Kb / 3P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK596S KEC-KTK596S Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597 KEC-KTK597 Datasheet
46Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597E KEC-KTK597E Datasheet
44Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
KTK597V KEC-KTK597V Datasheet
45Kb / 5P
N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com