Electronic Components Datasheet Search
  English  ▼

X  

AN3320 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 21Page - STMicroelectronics AN3320 Datasheet HTML 22Page - STMicroelectronics AN3320 Datasheet HTML 23Page - STMicroelectronics AN3320 Datasheet HTML 24Page - STMicroelectronics AN3320 Datasheet HTML 25Page - STMicroelectronics AN3320 Datasheet HTML 26Page - STMicroelectronics AN3320 Datasheet HTML 27Page - STMicroelectronics AN3320 Datasheet HTML 28Page - STMicroelectronics AN3320 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
Reference design
AN3320
26/29
Doc ID 18267 Rev 2
Table 6.
Reference connection for all packages
Pin name
Pin numbers for LQFP packages
Pin
numbers
for BGA
package
Pin numbers for
WLCSP package
176 pins
144 pins
100 pins
64 pins
176 pins
64+2 pins
OSC_IN
29
23
12
5
G1
E9
OSC_OUT
30
24
13
6
H1
F9
PC15-
OSC32_OUT
10
9
9
4
F1
C9
PC14-
OSC32_IN
9
8
8
3
E1
B9
BOOT0
166
138
94
60
D6
B6
PB2-BOOT1
58
48
37
28
M6
J4
NRST
31
25
14
7
J1
E8
PA13
124
105
72
46
A15
B2
PA14
137
109
76
49
A14
A1
PA15
138
110
77
50
A13
A2
PB4
162
134
90
56
A9
B4
PB3
161
133
89
55
A10
A4
VCAP_1
81
71
49
31
M10
J3
VCAP_2
125
106
73
47
F13
C2
VSS_2
126
107
74
-
F12
B1
VSS_3
---
63
-
D8
VSS_4
48
38
27
18
-
F1
VSS_5
22
16
10
-
G2
H9
VSS_6
61
51
-
-
M8
-
VSS_7
71
61
-
-
M9
-
VSS_8
102
83
-
-
-
-
VSS_9
113
94
-
-
G12
-
VSS_10
148
120
-
-
D8
-
VSS_11
158
130
-
-
D7
-
VSS_13
14
-
-
-
F2
-
VSS_14
90
-
-
-
H12
-
VSS_15
135
-
-
-
D9
-
VDD_1
82
72
50
32
N10
-
VDD_2
127
108
75
48
G13
A8
VDD_3
172
144
100
64
C5
D9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com