Electronic Components Datasheet Search
  English  ▼

X  

KTK5132 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTK5132
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR (ULTRA-HIGH SPEED SWITCHING, ANALOG SWITCH)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK5132 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTK5132 Datasheet HTML 1Page - KEC(Korea Electronics) KTK5132 Datasheet HTML 2Page - KEC(Korea Electronics) KTK5132 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2002. 6. 17
2/3
KTK5132E
Revision No : 0
DRAIN-SOURCE VOTAGE V
(V)
DS
DS
DR
I
- V
DRAIN-SOURCE VOLTAGE V
(V)
0
DS
0
I
- V
D
DS
DRAIN CURRENT I
(mA)
1
D
Y
- I
DRAIN-SOURCE VOLTAGE V
(V)
DS
(LOW VOLTAGE REGION)
2
COMMON SOURCE
Ta=25 C
V
=1.2V
GS
0.2
0
0
0.1
Ta=25 C
COMMON
V
=0.9V
GS
fs
D
3
5
10
30
50
COMMON SOURCE
V
=3V
DS
4
6
8
10
12
20
0.2
0.3
0.4
0.5
0.6
0.4
0.6
0.8
1.0
I
- VDS
D
0
Ta=25 C
5
10
30
50
100
300
100
40
60
80
100
1.4V
2.5V
2.2V
2.0V
1.8V
1.6V
SOURCE
1.0V
1.05V
1.1V
1.15V
1.2V
2.5V
0.01
0.1
1
10
100
0.03
0.3
3
30
10
GATE-SOURCE VOTAGE V
(V)
0.1
1
0.01
0
0.03
1
0.3
3
GS
Ta=25 C
COMMON SOURCE
I
- V
100
30
DS
V
=3V
GS
D
2
3
4
5
Ta=-25 C
COMMON SOURCE
Ta=25 C
f=1MHz
V
=0
DRAIN-SOURCE VOLTAGE V
(V)
0.1
1
0.5
0.3
3
C - V
GS
DS
20
10
5
DS
Crss
oss
C
C iss
1
5
3
10
50
30
100
-0.4
-0.8
-1.2
-1.6
COMMON SOURCE
V
=0
GS
Ta=25 C
D
I
S
G
DR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com