Electronic Components Datasheet Search
  English  ▼

X  

AN3961 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN3961
Description  STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3961 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN3961 Datasheet HTML 21Page - STMicroelectronics AN3961 Datasheet HTML 22Page - STMicroelectronics AN3961 Datasheet HTML 23Page - STMicroelectronics AN3961 Datasheet HTML 24Page - STMicroelectronics AN3961 Datasheet HTML 25Page - STMicroelectronics AN3961 Datasheet HTML 26Page - STMicroelectronics AN3961 Datasheet HTML 27Page - STMicroelectronics AN3961 Datasheet HTML 28Page - STMicroelectronics AN3961 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
DocID022083 Rev 3
25/46
AN3961
Hardware layout and configuration
46
Figure 13. Acquisition by program “3”
Table 12. Program “4”
Five level - HV1=±40 V, HV0=±80 V; Load: 300 pF//100
Ω
Mode
Time width per level
Number of
pulses
Initial pulse
PRF
ChA
5 level
1.5 cycle, 200 ns per level @
±80 V +4 cycles, 100 ns per
level @ 40 V
1.5+4
Positive
150 µs
ChB
5 level
1.5 cycle, 200 ns per level @
±80 V +4 cycles, 100 ns per
level @ 40 V
1.5+4
Negative
150 µs
ChC
5 level
1.5 cycle, 100 ns per level @
±80 V +4 cycles, 100 ns per
level @ 40 V
1.5+4
Positive
150 µs
ChD
5 level
1.5 cycle, 100 ns per level @
±80 V +4 cycles, 100 ns per
level @ 40 V
1.5+4
Negative
150 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com