Electronic Components Datasheet Search
  English  ▼

X  

KTK596S Datasheet(PDF) 5 Page - KEC(Korea Electronics)

Part # KTK596S
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK596S Datasheet(HTML) 5 Page - KEC(Korea Electronics)

  KTK596S Datasheet HTML 1Page - KEC(Korea Electronics) KTK596S Datasheet HTML 2Page - KEC(Korea Electronics) KTK596S Datasheet HTML 3Page - KEC(Korea Electronics) KTK596S Datasheet HTML 4Page - KEC(Korea Electronics) KTK596S Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2002. 9. 17
5/5
KTK596S
Revision No : 3
f=1kHz
THD : V
=4.5V
I
: V
=5.0V
DSS
I
=170
µA
DSS
I
= 300
µA
DSS
DS
CC
INPUT VOLTAGE V
(mV)
IN
THD - VIN
0.5
1
10
3
5
30
200
40
80
120
160
0
P
- Ta
D
AMBIENT TEMPERATURE Ta ( C)
025
50
0
75
100
125
150
175
50
100
150
200



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com