Electronic Components Datasheet Search
  English  ▼

X  

PM0051 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM0051
Description  How to program STM8S and STM8A Flash program memory and data EEPROM
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0051 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM0051 Datasheet HTML 11Page - STMicroelectronics PM0051 Datasheet HTML 12Page - STMicroelectronics PM0051 Datasheet HTML 13Page - STMicroelectronics PM0051 Datasheet HTML 14Page - STMicroelectronics PM0051 Datasheet HTML 15Page - STMicroelectronics PM0051 Datasheet HTML 16Page - STMicroelectronics PM0051 Datasheet HTML 17Page - STMicroelectronics PM0051 Datasheet HTML 18Page - STMicroelectronics PM0051 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
PM0051
Memory protection strategy
Doc ID 14614 Rev 3
15/27
3.2
User Boot Code area protection
Whatever the memory content, it is always possible to restart an ICP session after a critical
error by applying a reset and restarting the SWIM communication.
On the contrary, during IAP sessions, the programming software driver must always be write
protected to be able to recover from any critical failure that might happen during
programming (such as power failure).
The pages where the IAP driver is implemented must be located in the write-protected boot
code area (UBC). The application reset and interrupt vectors and the reset routine must also
be stored in the UBC. These conditions allow the user software to manage the recovery
from potential critical failure by applying a reset and restarting the IAP routine from the
protected boot area.
The UBC size is defined by the user boot code (UBC) area option byte. This option byte may
slightly differ from one product to another. See the following table for the minimum and
maximum size of the UBC area. Its maximum size is equal to the full memory size
3.3
Unwanted memory access protection
The unwanted memory access protection consists of writing two 8-bit keys in the right order
into dedicated MASS key registers.
Writing the correct sequence of keys in the program memory MASS key register
(FLASH_PUKR) enables the programming of the program memory area excluding the UBC.
If wrong keys are provided, a reset must to be generated to be able to reprogram the right
keys.
Once the write memory protection has been removed, it is possible to reactivate the
protection of the area by resetting the PUL bit in FLASH_IAPSR.
To enable write access to the data EEPROM area, another specific MASS key register
(FLASH_DUKR) and a different key sequence must be used. Once the data
EEPROM/option byte area is unlocked, it is possible to reactivate the protection of the area
by resetting the DUL bit in FLASH_IAPSR.
If wrong keys have been provided to the FLASH_PUKR register, the device must be reset
before performing a new key program sequence. However, when wrong keys are provided to
the FLASH_DUKR register, new keys can be entered without the device being previously
reset.
In order to be as effective as possible, the application software must lock again the
unwanted memory access protection as soon as the programming is completed. Otherwise,
the protection level of the MASS is significantly reduced. To activate the MASS protection
again, the user must reset the corresponding bits in the FLASH_IAPSR register (DUL bit for
data EEPROM or PUL bit for Flash program memory).
Table 6.
Recommended minimum and maximum sizes of the UBC area
STM8 microcontroller family
Recommended minimum size
of the UBC area
Maximum size of the UBC area
Low density STM8S
2 pages = 128 bytes
Full memory size
Medium density STM8S and STM8A
2 pages = 1 Kbyte
Full memory size
High density STM8S and STM8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com