Electronic Components Datasheet Search
  English  ▼

X  

KTK597 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTK597
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (CONDENSER MICROPHONE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK597 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTK597 Datasheet HTML 1Page - KEC(Korea Electronics) KTK597 Datasheet HTML 2Page - KEC(Korea Electronics) KTK597 Datasheet HTML 3Page - KEC(Korea Electronics) KTK597 Datasheet HTML 4Page - KEC(Korea Electronics) KTK597 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2002. 9. 17
2/5
KTK597
Revision No : 4
ELECTRICAL CHARACTERISTICS
(Ta=25
, VCC=4.5V, RL=1k , Cin=15pF, See Specified Test Circuit.)
SPECIFIED TEST CIRCUIT
Voltage gain.
Frequency Characteristic.
Distortion.
Reduced Voltage Characteristic.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Voltage Gain
GV
Vin=10mV, f=1kHz
-
-3.0
-
dB
Reduced Voltage Characteristic
GVV
Vin=10mV, f=1kHz VCC=4.5V 1.5V
-
-1.2
-4.0
dB
Frequency Characteristic
GVF
f=1kHz
110Hz
-
-
-1.0
dB
Input Resistance
Zin
f=1kHz
25
-
-
M
Output Resistance
ZO
f=1kHz
-
-
700
Total Harmonic Distortion
THD
Vin=30mV, f=1kHz
-
1.0
%
Output Noise Voltage
VNO
Vin=0, A curve
-
-
-110
dB
CC
V
=4.5V
V
=1.5V
CC
15pF
VTVM
OSC
For Output
1k
Ω
V
THD
A
B
33uF
Impedance
1k
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com