Electronic Components Datasheet Search
  English  ▼

X  

LTC2612 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2612
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2612 Datasheet(HTML) 3 Page - Linear Technology

  LTC2612 Datasheet HTML 1Page - Linear Technology LTC2612 Datasheet HTML 2Page - Linear Technology LTC2612 Datasheet HTML 3Page - Linear Technology LTC2612 Datasheet HTML 4Page - Linear Technology LTC2612 Datasheet HTML 5Page - Linear Technology LTC2612 Datasheet HTML 6Page - Linear Technology LTC2612 Datasheet HTML 7Page - Linear Technology LTC2612 Datasheet HTML 8Page - Linear Technology LTC2612 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2602/LTC2612/LTC2622
2602fa
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V to 5.5V, VREF ≤ VCC, VOUT unloaded, unless otherwise noted.
LTC2602/LTC2612/LTC2622
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSRR
Power Supply Rejection Ratio
VCC = 5V ±10%
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
●
0.05
0.15
Ω
VREF = VCC = 2.5V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA ●
0.05
0.15
Ω
DC Crosstalk (Note 4)
Due to Full Scale Output Change (Note 5)
±30
µV
Due to Load Current Change
±16
µV/mA
Due to Powering Down (per Channel)
±4
µV
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero Scale; Forcing Output to VCC
●
15
34
60
mA
Code: Full Scale; Forcing Output to GND
●
15
38
60
mA
VCC = 2.5V, VREF = 2.5V
Code: Zero Scale; Forcing Output to VCC
●
7.5
20
50
mA
Code: Full Scale; Forcing Output to GND
●
7.5
28
50
mA
Reference Input
Input Voltage Range
●
0VCC
V
Resistance
Normal Mode
●
44
64
80
k
Ω
Capacitance
23
pF
IREF
Reference Current, Power Down Mode
All DACs Powered Down
●
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
●
2.5
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
●
0.7
1.3
mA
VCC = 3V (Note 3)
●
0.6
1
mA
All DACs Powered Down (Note 3) VCC = 5V
●
0.35
1
µA
All DACs Powered Down (Note 3) VCC = 3V
●
0.10
1
µA
Digital I/O
VIH
Digital Input High Voltage
VCC = 2.5V to 5.5V
●
2.4
V
VCC = 2.5V to 3.6V
●
2.0
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
●
0.8
V
VCC = 2.7V to 5.5V
●
0.6
V
VCC = 2.5V to 5.5V
●
0.5
V
ILK
Digital Input Leakage
VIN = GND to VCC
●
±1
µA
CIN
Digital Input Capacitance
(Note 6)
●
8pF
LTC2622
LTC2612
LTC2602
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
AC Performance
ts
Settling Time (Note 8)
±0.024% (±1LSB at 12 Bits)
7
7
7
µs
±0.006% (±1LSB at 14 Bits)
9
9
µs
±0.0015% (±1LSB at 16 Bits)
10
µs
Settling Time for
±0.024% (±1LSB at 12 Bits)
2.7
2.7
2.7
µs
1LSB Step (Note 9)
±0.006% (±1LSB at 14 Bits)
4.8
4.8
µs
±0.0015% (±1LSB at 16 Bits)
5.2
µs
Voltage Output Slew Rate
0.80
0.80
0.80
V/
µs
Capacitive Load Driving
1000
1000
1000
pF
Glitch Impulse
At Midscale Transition
12
12
12
nV • s
Multiplying Bandwidth
180
180
180
kHz
en
Output Voltage Noise
At f = 1kHz
120
120
120
nV/
√Hz
Density
At f = 10kHz
100
100
100
nV/
√Hz
Output Voltage Noise
0.1Hz to 10Hz
15
15
15
µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com