Electronic Components Datasheet Search
  English  ▼

X  

LTC2622 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2622
Description  Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2622 Datasheet(HTML) 1 Page - Linear Technology

  LTC2622 Datasheet HTML 1Page - Linear Technology LTC2622 Datasheet HTML 2Page - Linear Technology LTC2622 Datasheet HTML 3Page - Linear Technology LTC2622 Datasheet HTML 4Page - Linear Technology LTC2622 Datasheet HTML 5Page - Linear Technology LTC2622 Datasheet HTML 6Page - Linear Technology LTC2622 Datasheet HTML 7Page - Linear Technology LTC2622 Datasheet HTML 8Page - Linear Technology LTC2622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC2602/LTC2612/LTC2622
2602fa
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
BLOCK DIAGRA
DESCRIPTIO
APPLICATIO S
FEATURES
VOUT A
REF
CS/LD
SCK
VOUT B
GND
VCC
SDI
2602 BD01
8
1
2
4
3
5
7
6
16-BIT
DAC A
16-BIT
DAC B
DECODE
CONTROL
LOGIC
24-BIT SHIFT REGISTER
The LTC
®2602/LTC2612/LTC2622 are dual 16-,14- and
12-bit, 2.5V-to-5.5V rail-to-rail voltage-output DACs, in a
tiny 8-lead MSOP package. They have built-in high per-
formance output buffers and are guaranteed monotonic.
These parts establish advanced performance standards
for output drive, crosstalk and load regulation in single-
supply, voltage output multiples.
The parts use a simple SPI/MICROWIRE™ compatible
3-wire serial interface which can be operated at clock
rates up to 50MHz.
The LTC2602/LTC2612/LTC2622 incorporate a power-
on reset circuit. During power-up, the voltage outputs
rise less than 10mV above zero scale, and after power-
up, they stay at zero scale until a valid write and update
take place.
■ Smallest Pin-Compatible Dual DACs:
LTC2602: 16-Bits
LTC2612: 14-Bits
LTC2622: 12-Bits
■ Guaranteed 16-Bit Monotonic Over Temperature
■ Wide 2.5V to 5.5V Supply Range
■ Low Power Operation: 300
µA per DAC at 3V
■ Individual Channel Power-Down to 1
µA, Max
■ Ultralow Crosstalk between DACs (30
µV)
■ High Rail-to-Rail Output Drive (
±15mA)
■ Double-Buffered Data Latches
■ Pin-Compatible 10-Bit Version (LTC1661)
■ Tiny 8-Lead MSOP Package
■
Mobile Communications
■ Process Control and Industrial Automation
■ Instrumentation
■
Automatic Test Equipment
Differential Nonlinearity (DNL)(LTC2602)
CODE
0
16384
32768
49152
65535
2602 TA01
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 4.096V
LTC2602
Dual 16-/14-/12-Bit
Rail-to-Rail DACs in 8-Lead MSOP


Similar Part No. - LTC2622

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2622 LINER-LTC2622 Datasheet
346Kb / 16P
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2622 LINER-LTC2622 Datasheet
584Kb / 24P
Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2622 LINER-LTC2622 Datasheet
885Kb / 26P
16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LTC2622 LINER-LTC2622 Datasheet
1Mb / 32P
Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
LTC2622 LINER-LTC2622 Datasheet
2Mb / 26P
Dual, 16-Bit, 2Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2622

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2602 LINER-LTC2602 Datasheet
346Kb / 16P
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2602 LINER-LTC2602_15 Datasheet
306Kb / 16P
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2612 LINER-LTC2612_15 Datasheet
306Kb / 16P
Dual 16-/14-/12-Bit Rail-to-Rail DACs in 8-Lead MSOP
LTC2600 LINER-LTC2600_15 Datasheet
348Kb / 20P
Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2621 LINER-LTC2621_15 Datasheet
246Kb / 16P
16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com