| Electronic Components Datasheet Search |
|
LTC2927 Datasheet(PDF) 7 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC2927 Datasheet(HTML) 7 Page - Linear Technology |
|
7 / 16 page ![]() LTC2927 7 2927fb 0.8V – + – + 5 RAMPBUF 5 RAMP 2927 F06 5 VCC 5 5 FB 5 ON 5 TRACK 1.2V 10μA 10μA VCC 1x RONB RONA MASTER SLAVE DC/DC CRAMP RTB RFB RFA RTA Figure 6. Simplified Functional Diagram Figure 5. Simplified Tracking Cell 0.8V – + 2927 F05 5 FB 5 TRACK VCC MASTER SLAVE FB OUT DC/DC RTB RFB RFA RTA + – pin is mirrored at the FB pin to establish a voltage at the output of the slave supply. The slave output voltage varies with the master signal, enabling the slave supply to be controlled as a function of the master signal with terms set by RTA and RTB. By selecting appropriate values of RTA and RTB, it is possible to generate any of the profiles in Figures 1 to 4. Controlling the Ramp-Up and Ramp-Down Behavior The operation of the LTC2927 is most easily understood by referring to the simplified functional diagram in Figure 6. When the ON pin is low, the master signal at the RAMP pin is pulled to ground. Since the current through RTB is at its maximum when the master signal is low, the current from FB is also at its maximum. This current drives the slave output to its minimum voltage. When the ON pin rises above 1.23V, the master signal rises and the slave supply tracks the master signal. The ramp rate is set by an external capacitor driven by a 10μA current source at the RAMP pin. Alternatively, the RAMP pin can be connected to a separate supply to be used as the master signal. In a properly designed system, when the master signal has reached its maximum voltage the current from the TRACK pin is zero. In this case, there is no current from the FB pin and the LTC2927 has no effect on the output voltage accuracy, transient response or stability of the slave supply. When the ON pin falls below VON(TH) – ΔVON(HYST), typi- cally 1.225V, the RAMP pin pulls down with 10μA and the master signal and slave supplies will fall at the same rate as they rose previously. The ON pin can be controlled by a digital I/O pin or it can be used to monitor an input supply. By connecting a resistive divider from an input supply to the ON pin, the supplies will ramp up only after the monitored supply has reached a preset voltage. If a resistive divider is used to set the ON pin voltage, choose values that will keep this voltage above the maximum ON pin threshold voltage of 1.25V at the lowest operating supply level. The Ramp Buffer The RAMPBUF pin provides a buffered version of the RAMP pin voltage that drives the resistive divider on the TRACK pin. The buffered master signal provides up to 2mA to drive the resistors. Shutdown Output In some applications it might be necessary to control the shutdown or RUN/SS pins of the slave supplies. The LTC2927 may not be able to supply the rated 1mA of current from the FB pin when VCC is below 2.9V. If the slave power supply is capable of operating at low input voltages, use the open-drain SDO output to drive the SHDN or RUN/SS pin of the slave supply (see Figure 7). This will hold the slave supply output low until the ON pin is above 1.23V and VCC is above the 2.5V undervoltage lockout condition. APPLICATIO S I FOR ATIO |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |