Electronic Components Datasheet Search
  English  ▼

X  

PD16641 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD16641
Description  240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16641 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD16641_15 Datasheet HTML 9Page - Renesas Technology Corp PD16641_15 Datasheet HTML 10Page - Renesas Technology Corp PD16641_15 Datasheet HTML 11Page - Renesas Technology Corp PD16641_15 Datasheet HTML 12Page - Renesas Technology Corp PD16641_15 Datasheet HTML 13Page - Renesas Technology Corp PD16641_15 Datasheet HTML 14Page - Renesas Technology Corp PD16641_15 Datasheet HTML 15Page - Renesas Technology Corp PD16641_15 Datasheet HTML 16Page - Renesas Technology Corp PD16641_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet S10565EJ2V0DS
11
µ PD16641
Electrical Characteristics (TA = –10 to +75
°C, VDD1 = 3.0 to 3.6 V, VDD2 = 3.0 to 3.6 V or 4.5 to 5.5 V, VSS1 = VSS2 = 0 V)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input leakage current
IIL
D00-D05, D10-D15, D20-D25,
R,/L, STB, STHR (STRL)
±1.0
µ A
Pull-up resistor
RPU
VDD2 = 5.0 V, Vsel, Vsel = 0 V
40
100
250
k
Ω
High level output voltage
VOH
STHR(STHL), IO =
−1.0 mA
VDD1
− 0.5
V
Low level output voltage
VOL
STHR(STHL), IO = +1.0 mA
0.5
V
V10
−200
−150
µ A
V9-V1
±10
µ A
Static current consumption
of
γ -corrected power
(VDD2 = 3.3 V)
Ivn1
VDD1 = 3.3 V,
VDD2 = 3.3 V,
V0 = 3.20 V, V1 = 3.07 V,
V2 = 2.80 V, V3 = 2.57 V,
V4 = 2.34 V, V5 = 2.12 V,
V6 = 1.95 V, V7 = 1.70 V,
V8 = 1.46 V, V9 = 1.11 V,
V10 = 0.10 V
Note1
V0
150
200
µ A
V10
−300
−250
µ A
V9-V1
±10
µ A
Static current consumption
of
γ -corrected power
(VDD2 = 5.0 V)
Ivn2
VDD1 = 3.3 V,
VDD2 = 5.0 V,
V0 = 4.90 V, V1 = 4.69 V,
V2 = 4.28 V, V3 = 3.92 V,
V4 = 3.56 V, V5 = 3.23 V,
V6 = 2.96 V, V7 = 2.58 V,
V8 = 2.20 V, V9 = 1.66 V,
V10 = 0.1 V
Note1
V0
250
300
µ A
Driver output current
(VDD2 = 3.3 V)
IVOH1
STB = 3.3 V, VOUT = 2.2 V, VX = 3.2 V
Note2,
VDD1 = VDD2 = 3.3 V
−3
−0.075
mA
IVOL1
STB = 3.3 V, VOUT = 1.1 V, VX = 0.1 V
Note2,
VDD1 = VDD2 = 3.3 V
0.075
0.25
mA
Driver output current
(VDD2 = 5.0 V)
IVOH2
STB = 5.0 V, VOUT = 3.9 V, VX = 4.9 V
Note2,
VDD1 = 3.3 V, VDD2 = 5.0 V
−0.3
−0.1
mA
IVOL2
STB = 5.0 V, VOUT = 1.1 V, VX = 0.1 V
Note2,
VDD1 = 3.3 V, VDD2 = 5.0 V
0.1
0.25
mA
VDD1 = 3.3 V, VDD2 = 3.3 V, VOUT = 1.65 V
±20
±25
mV
Output voltage deviation
∆VO
VDD1 = 3.3 V, VDD2 = 5.0 V, VOUT = 2.50 V
±20
±25
mV
Output voltage range
VO
Input data: 00H to 3FH
VSS2 + 0.1
VDD2
− 0.1
V
Dynamic logic current
consumption
IDD1
No load
Note3
2.0
mA
IDD21
No load, VDD2 = 3.3 V
± 0.3 V
Note3
5.0
mA
Dynamic driver current
consumption
IDD22
No load, VDD2 = 5.0 V
± 0.5 V
Note3
6.5
mA
Notes 1. Apply ideal voltage to V1-V9 that is calculated from internal resistor.
2. VX is output voltage of analog output pins S1 to S240.
VOUT is the voltage applied to analog output pins S1 to S240.
3. The STB cycle is specified at 31
µ s and fCLK = 16 MHz. Input data:1010 ... (checkerboard pattern)
Refers to current consumption per driver when cascades are connected under the assumption of VGA
single-sided mounting (8 units).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com