Electronic Components Datasheet Search
  English  ▼

X  

PD16654 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # PD16654
Description  150/154 OUTPUT TFT-LCD GATE DRIVE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16654 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button PD16654_15 Datasheet HTML 9Page - Renesas Technology Corp PD16654_15 Datasheet HTML 10Page - Renesas Technology Corp PD16654_15 Datasheet HTML 11Page - Renesas Technology Corp PD16654_15 Datasheet HTML 12Page - Renesas Technology Corp PD16654_15 Datasheet HTML 13Page - Renesas Technology Corp PD16654_15 Datasheet HTML 14Page - Renesas Technology Corp PD16654_15 Datasheet HTML 15Page - Renesas Technology Corp PD16654_15 Datasheet HTML 16Page - Renesas Technology Corp PD16654_15 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
11
µµµµPD16654
7. SWITCHING CHARACTERISTICS WAVEFORM (R/L = H)
CLK
VCC
VSS
STVL1/2
(STVR1/2)
VCC
VSS
STVR1/2
(STVL1/2)
VCC
VSS
OEn
VCC
VSS
On
VDD2
VEE2
1/fmax.
PWCLK(H)
PWCLK(L)
50%
50%
50%
50%
tSETUP
tHOLD
50%
50%
tPLH1
tPHL1
50%
50%
tPLH2
tTLH
tPHL2
tTHL
90%
90%
10%
10%
PWOE
50%
50%
tPLH3
tPHL3
90%
10%
On
VDD2
VEE2
VEE1
VEE1
VEE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com