Electronic Components Datasheet Search
  English  ▼

X  

BAS16 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAS16
Description  Three Terminals SMD Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS16 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAS16 Datasheet HTML 1Page - TAITRON Components Incorporated BAS16 Datasheet HTML 2Page - TAITRON Components Incorporated BAS16 Datasheet HTML 3Page - TAITRON Components Incorporated BAS16 Datasheet HTML 4Page - TAITRON Components Incorporated BAS16 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2007-12-25
BAS16
Three Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Three Terminals SMD Switching Diode
Features
• Silicon Epitaxial Planar Diode
• Ultra Fast Switching Speed
• High Conductance
• Surface Mount Package Ideally Suited for Automatic Insertion
• RoHS Compliant
Mechanical Data
Case:
SOT-23, Plastic Case
Terminals:
Solderable per MIL-STD-202G, Method 208
Weight:
Approx. 0.008 gram
Maximum Ratings* (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS16
Unit
Conditions
Marking Code
A6
VRRM
Maximum Repetitive Reverse Voltage
85
V
IF(AV)
Average Rectified Forward Current
200
mA
Pulse Width=1.0s
1
IFSM
Non-Repetitive Peak
Forward Surge Current
Pulse Width=1.0μs
2
A
PD
Power Dissipation
350
mW
RthJA
Thermal Resistance, Junction to Ambient
357
° C/W
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to +150
° C
Note: * These ratings are limited values above which the serviceability of any semiconductor device
may be impaired.
1: These ratings are based on a maximum junction temperature of 150 degree C.
2: These are steady state limits. The factory should be consulted on applications involving
pulse or low cycle operations.
SOT-23


Similar Part No. - BAS16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16 PANJIT-BAS16 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS16 PHILIPS-BAS16 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAS16 VISHAY-BAS16 Datasheet
53Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
BAS16 TRSYS-BAS16 Datasheet
113Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAS16 WTE-BAS16 Datasheet
49Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
Three Terminals SMD Switching Diode
MMBD4148 TAITRON-MMBD4148 Datasheet
239Kb / 5P
Three Terminals SMD Switching Diodes
BAS116 TAITRON-BAS116_12 Datasheet
194Kb / 4P
Three Terminals SMD Low Leakage Switching Diode
BAV99 TAITRON-BAV99 Datasheet
321Kb / 5P
Three Terminals SMD Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
Three Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com