Electronic Components Datasheet Search
  English  ▼

X  

BAS16WS Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # BAS16WS
Description  Three Terminals Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS16WS Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  BAS16WS Datasheet HTML 1Page - TAITRON Components Incorporated BAS16WS Datasheet HTML 2Page - TAITRON Components Incorporated BAS16WS Datasheet HTML 3Page - TAITRON Components Incorporated BAS16WS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Three Terminals Surface Mount Switching Diode
Rev. A/AH 2008-03-14
BAS16WS
www.taitroncomponents.com
Page 2 of 4
Symbol
Description
BAS16WS
Unit
Conditions
CD
Diode Capacitance
2.0
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
6.0
nS
IF=10mA , IR=1mA,
VR=6V,RL=100Ω
RthJA
Maximum Thermal Resistance, Junction to
Ambient
640
°C / W
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to +150
° C
Typical Characteristics Curves
Fig.1- Forward Power Dissipation Derating Curve
Ambient Temperature (° C)
Fig.2- Typical Instantaneous Forward Characteristics
Forward Voltage (V)
Fig.3- Typical Instantaneous Reverse Characteristics Curve
Reverse Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com