Electronic Components Datasheet Search
  English  ▼

X  

KTX403U Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTX403U
Description  EPITAXIAL PLANAR NPN TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX403U Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTX403U Datasheet HTML 1Page - KEC(Korea Electronics) KTX403U Datasheet HTML 2Page - KEC(Korea Electronics) KTX403U Datasheet HTML 3Page - KEC(Korea Electronics) KTX403U Datasheet HTML 4Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2003. 3. 11
2/4
KTX403U
Revision No : 2
ELECTRICAL CHARACTERISTICS (Ta=25 )
TRANSISTOR Q1
DIODE (SBD) D1
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=15V, IE=0
-
-
100
Collector-Base Breakdown Voltage
V(BR)CBO
IE=10
15
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1
12
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10
6
-
-
V
DC Current Gain
hFE
VCE=2V, IC=10
270
-
680
-
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=200 , IB=10
-
90
250
Transition Frequency
fT
VCE=2V, IC=10 , f=100
-
320
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1
-
7.5
-
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.22
-
V
VF(2)
IF=10mA
-
0.29
-
VF(3)
IF=100mA
-
0.38
-
VF(4)
IF=200mA
-
0.43
0.55
Reverse Current
IR
VR=30V
-
-
50
Total Capacitance
CT
VR=0, f=1
-
50
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com