Electronic Components Datasheet Search
  English  ▼

X  

BAS16WT Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAS16WT
Description  Three Terminals Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS16WT Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAS16WT Datasheet HTML 1Page - TAITRON Components Incorporated BAS16WT Datasheet HTML 2Page - TAITRON Components Incorporated BAS16WT Datasheet HTML 3Page - TAITRON Components Incorporated BAS16WT Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH
BAS16WT
Three Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 3
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Three Terminals Surface Mount Switching Diode
Features
• Ultra-small surface mount package
• Fast switching speed
• For general purpose switching applications
• High conductance
• RoHS Compliant
Mechanical Data
Case:
SOT-523, Plastic Case
Terminals:
Solderable per MIL-STD-202, Method 208
Weight:
Approx. 0.002 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS16WT
Unit
Conditions
Marking Code
A2
VRM
Non-Repetitive Peak Reverse Voltage
100
V
VRRM
Peak Repetitive Reverse Voltage
75
V
VRWM
Working Peak Reverse Voltage
75
V
VR
DC Blocking Voltage
75
V
VR(RMS)
RMS Reverse Voltage
53
V
IFM
Forward Continuous Current
300
mA
IF(AV)
Average Forward Current
150
mA
2
A
t=1.0µs
IFSM
Peak Forward Surge Current
1
A
t=1.0s
PD
Power Dissipation
200
mW
RthJA
Maximum Thermal Resistance, Junction to
Ambient
625
°C / W
TJ,TSTG
Operating Junction and Storage Temperature
Range
-65 to +150
° C
SOT-523


Similar Part No. - BAS16WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
111Kb / 1P
200mW Switching Diode
BAS16WT MCC-BAS16WT Datasheet
156Kb / 2P
200mW Switching Diode
logo
RFE international
BAS16WT RFE-BAS16WT Datasheet
1Mb / 3P
Switching Diodes
16-12-2021
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
CASE 419-02, STYLE 2 SC-70/SOT-323
logo
ON Semiconductor
BAS16WT1 ONSEMI-BAS16WT1 Datasheet
57Kb / 6P
Silicon Switching Diode
June, 2005??Rev. 6
More results

Similar Description - BAS16WT

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
Three Terminals SMD Switching Diode
BAS16 TAITRON-BAS16 Datasheet
190Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
179Kb / 4P
Three Terminals Surface Mount Switching Diode
BAS19WS TAITRON-BAS19WS Datasheet
186Kb / 4P
Three Terminals Surface Mount Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
Three Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com