Electronic Components Datasheet Search
  English  ▼

X  

SB040 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SB040
Description  Miniature Schottky Barrier Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB040 Datasheet(HTML) 1 Page - Vishay Siliconix

  SB040 Datasheet HTML 1Page - Vishay Siliconix SB040 Datasheet HTML 2Page - Vishay Siliconix SB040 Datasheet HTML 3Page - Vishay Siliconix SB040 Datasheet HTML 4Page - Vishay Siliconix SB040 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SB020, SB030, SB040, SB050, SB060
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
1
Document Number: 88714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Schottky Barrier Plastic Rectifier
FEATURES
• Guardring for overvoltage protection
• Very small conduction losses
• Extremely fast switching
• Low forward voltage drop
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: MPG06
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes the cathode end
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
IF(AV)
0.6 A
VRRM
20 V, 30 V, 40 V, 50 V, 60 V
IFSM
20 A
VF
0.55 V, 0.70 V
TJ max.
125 °C, 150 °C
Package
MPG06
Diode variations
Single
MPG06
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB020
SB030
SB040
SB050
SB060
UNIT
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum average forward rectified current
at 0.375" (9.5 mm) lead length (fig. 1)
IF(AV)
0.6
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
20
A
Operating junction temperature range
TJ
- 65 to + 125
- 65 to + 150
°C
Storage temperature range
TSTG
- 65 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SB020
SB030
SB040
SB050
SB060
UNIT
Maximum instantaneous
forward voltage
0.6 A
VF (1)
0.55
0.70
V
Maximum instantaneous
reverse current at rated DC
blocking voltage
TA = 25 °C
IR (1)
0.5
mA
TA = 100 °C
10
5.0


Similar Part No. - SB040

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB040 GE-SB040 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Galaxy Semi-Conductor H...
SB040 BILIN-SB040 Datasheet
47Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040 VISHAY-SB040 Datasheet
353Kb / 4P
Miniature Schottky Barrier Rectifier
25-Apr-08
logo
Gulf Semiconductor
SB040 GULFSEMI-SB040 Datasheet
101Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
logo
Diode Semiconductor Kor...
SB040 DSK-SB040 Datasheet
262Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB040

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
IN5820 CHENG-YI-IN5820 Datasheet
106Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR102 CHENG-YI-SR102 Datasheet
108Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK120 CHENG-YI-SK120 Datasheet
105Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR302 CHENG-YI-SR302 Datasheet
120Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SK52 CHENG-YI-SK52 Datasheet
119Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR1020 CHENG-YI-SR1020 Datasheet
141Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
SR3020 CHENG-YI-SR3020 Datasheet
180Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB040-E3 VISHAY-SB040-E3 Datasheet
71Kb / 4P
Miniature Schottky Barrier Rectifier
16-Oct-09
logo
SHENZHEN KOO CHIN ELECT...
1S20 KOOCHIN-1S20 Datasheet
440Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com