Electronic Components Datasheet Search
  English  ▼

X  

SB050 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SB050
Description  Miniature Schottky Barrier Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB050 Datasheet(HTML) 2 Page - Vishay Siliconix

  SB050 Datasheet HTML 1Page - Vishay Siliconix SB050 Datasheet HTML 2Page - Vishay Siliconix SB050 Datasheet HTML 3Page - Vishay Siliconix SB050 Datasheet HTML 4Page - Vishay Siliconix SB050 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SB020, SB030, SB040, SB050, SB060
www.vishay.com
Vishay General Semiconductor
Revision: 13-Aug-13
2
Document Number: 88714
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance junction to lead PCB mounted 0.375" (9.5 mm) lead length
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SB020
SB030
SB040
SB050
SB060
UNIT
Typical thermal resistance
RJA (1)
80
°C/W
RJL (1)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (G)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SB040-E3/54
0.203
54
5500
13" diameter paper tape and reel
SB040-E3/73
0.203
73
3000
Ammo pack packaging
0
0
0.6
0.8
80
60
40
20
100
120
140
Lead Temperature (°C)
0.4
0.2
160
SB050 to SB060
SB020 to SB040
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
0
10
15
1
100
10
Number of Cycles at 60 Hz
20
25
5
T
J = TJ Max.
8.3 ms Single Half Sine-Wave
0.2
0
0.4
0.6
0.8
1.2
0.01
0.1
10
1
Instantaneous Forward Voltage (V)
1.0
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
SB020 to SB040
SB050 to SB060
60
40
20
0
100
80
Percent of Rated Peak Reverse Voltage (%)
0.01
0.001
0.1
10
1
SB020 to SB040
SB050 to SB060
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com