Electronic Components Datasheet Search
  English  ▼

X  

LTC3225 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3225
Description  150mA Supercapacitor Charger
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3225 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3225 Datasheet HTML 2Page - Linear Technology LTC3225 Datasheet HTML 3Page - Linear Technology LTC3225 Datasheet HTML 4Page - Linear Technology LTC3225 Datasheet HTML 5Page - Linear Technology LTC3225 Datasheet HTML 6Page - Linear Technology LTC3225 Datasheet HTML 7Page - Linear Technology LTC3225 Datasheet HTML 8Page - Linear Technology LTC3225 Datasheet HTML 9Page - Linear Technology LTC3225 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LTC3225/LTC3225-1
6
3225fb
SIMPLIFIED BLOCK DIAGRAM
The LTC3225/LTC3225-1 are dual cell supercapacitor char-
gers. Their unique topology maintains a constant output
voltage with programmable charge current. Their ability
to maintain equal voltages on both cells while charging
protects the supercapacitors from damage that is possible
with other charging methods, without the use of external
balancing resistors. The LTC3225/LTC3225-1 include an
internal switched capacitor charge pump to boost VIN to a
regulated output voltage. A unique architecture maintains
relatively constant input current for the lowest possible
input noise. The basic charger circuit requires only three
external components.
Figure 1
OPERATION
Normal Charge Cycle
Operation begins when the SHDN pin is pulled above 1.3V.
The COUT pin voltage is sensed and compared with a preset
voltage threshold using an internal resistor divider and
a comparator. The preset voltage threshold is selectable
with the VSEL pin. If the voltage at the COUT pin is lower
than the preset voltage threshold, the oscillator is enabled.
The oscillator operates at a typical frequency of 0.9MHz.
When the oscillator is enabled, the charge pump operates
charging up COUT. Each time the charge pump starts up
from shutdown, the input current drawn by the internal
charge pump ramps up at approximately 20mA/μs until it
reaches a level which is determined by RPROG.
–
+
CHARGE
PUMP
10
9
3
8
COUT
CTOP
CBOT
VIN
1.2V
1
3000i
CLK
RUN/STOP
C1
C2
2
C–
C+
4
SHDN
CX
5
PGOOD
3225 F01
GND
SOFT-START AND
SHUTDOWN CONTROL
THERMAL
PROTECTION
OSCILLATOR
VREF – 2%
VREF – 6%
VREF – 7.2%
1.088V (LTC3225)
1.067V (LTC3225-1)
1.2V
VREF
VSEL
6
PROG
RPROG
RUN
i
7
R1
R2
POR
UVLO
POR
VIN
CFLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com