Electronic Components Datasheet Search
  English  ▼

X  

SL12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SL12
Description  Low VF Surface Mount Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SL12 Datasheet(HTML) 2 Page - Vishay Siliconix

  SL12_15 Datasheet HTML 1Page - Vishay Siliconix SL12_15 Datasheet HTML 2Page - Vishay Siliconix SL12_15 Datasheet HTML 3Page - Vishay Siliconix SL12_15 Datasheet HTML 4Page - Vishay Siliconix SL12_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SL12, SL13
www.vishay.com
Vishay General Semiconductor
Revision: 25-Apr-14
2
Document Number: 88740
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, Diodes-Europe@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Note
(1) PCB mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
SL12
SL13
UNIT
Maximum instantaneous forward voltage at (1)
IF = 0.1 A
TA = 125 °C
VF
0.230
V
TA = 25 °C
0.360
IF = 1.0 A
TA = 125 °C
0.340
TA = 25 °C
0.445
Maximum DC reverse current
at rated DC blocking voltage (1)
TA = 25 °C
IR
0.2
mA
TA = 100 °C
6.0
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL12
SL13
UNIT
Maximum thermal resistance (1)
RJA
88
°C/W
RJL
28
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SL13-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SL13-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
SL13HE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
SL13HE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
0
0.5
1.0
1.5
2.0
50
60
70
80
90 100 110 120 130 140 150 160 170
Resistive or Inductive Load
Lead Temperature (°C)
PCB Mounted on
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
1
10
100
0
10
20
30
40
50
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
at rated T
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com