Electronic Components Datasheet Search
  English  ▼

X  

SS2H10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SS2H10
Description  High Voltage Surface Mount Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS2H10 Datasheet(HTML) 1 Page - Vishay Siliconix

  SS2H10 Datasheet HTML 1Page - Vishay Siliconix SS2H10 Datasheet HTML 2Page - Vishay Siliconix SS2H10 Datasheet HTML 3Page - Vishay Siliconix SS2H10 Datasheet HTML 4Page - Vishay Siliconix SS2H10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS2H9, SS2H10
www.vishay.com
Vishay General Semiconductor
Revision: 16-Jan-14
1
Document Number: 88750
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Voltage Surface Mount Schottky Rectifier
High Barrier Technology for Improved High Temperature Performance
FEATURES
• Low profile package
• Guardring for overvoltage protection
• Ideal for automated placement
• Low power losses, high efficiency
• Low forward voltage drop
• Low leakage current
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case: DO-214AA (SMB)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
2.0 A
VRRM
90 V, 100 V
IFSM
75 A
VF
0.65 V
IR
10 μA
TJ max.
175 °C
Package
DO-214AA
Diode variations
Single
DO-214AA (SMB)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS2H9
SS2H10
UNIT
Device marking code
MS9
MS10
Maximum repetitive peak reverse voltage
VRRM
90
100
V
Working peak reverse voltage
VRWM
90
100
V
Maximum DC blocking voltage
VDC
90
100
V
Maximum average forward rectified current at: TL = 130 °C
IF(AV)
2.0
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
75
A
Peak repetitive reverse surge current at tp = 2.0 μs, 1 kHz
IRRM
1.0
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C


Similar Part No. - SS2H10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2H10 VISHAY-SS2H10 Datasheet
270Kb / 3P
High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS2H10 VISHAY-SS2H10 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H10 VISHAY-SS2H10 Datasheet
98Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
More results

Similar Description - SS2H10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS2H9 VISHAY-SS2H9 Datasheet
270Kb / 3P
High-Voltage Surface Mount Schottky Rectifier
28-Jun-05
SS1H9 VISHAY-SS1H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS2H9 VISHAY-SS2H9_08 Datasheet
93Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H9 VISHAY-SS3H9_08 Datasheet
95Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
19-May-08
SS3H10-E3 VISHAY-SS3H10-E3 Datasheet
87Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
17-Dec-12
SS1H9-E3 VISHAY-SS1H9-E3 Datasheet
86Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
14-Dec-12
SS29-E3 VISHAY-SS29-E3 Datasheet
90Kb / 4P
High-Voltage Surface Mount Schottky Rectifier
27-Mar-12
SS1H9 VISHAY-SS1H9_15 Datasheet
85Kb / 5P
High-Voltage Surface Mount Schottky Rectifier
28-Apr-14
SS29 VISHAY-SS29_V01 Datasheet
101Kb / 5P
High Voltage Surface-Mount Schottky Rectifier
23-Apr-2020
SS1H9 VISHAY-SS1H9_V01 Datasheet
97Kb / 5P
High-Voltage Surface-Mount Schottky Rectifier
13-May-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com