Electronic Components Datasheet Search
  English  ▼

X  

LTC3401 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3401
Description  1A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3401 Datasheet HTML 2Page - Linear Technology LTC3401 Datasheet HTML 3Page - Linear Technology LTC3401 Datasheet HTML 4Page - Linear Technology LTC3401 Datasheet HTML 5Page - Linear Technology LTC3401 Datasheet HTML 6Page - Linear Technology LTC3401 Datasheet HTML 7Page - Linear Technology LTC3401 Datasheet HTML 8Page - Linear Technology LTC3401 Datasheet HTML 9Page - Linear Technology LTC3401 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3401
3401fb
Rt (Pin 1): Timing Resistor to Program the Oscillator
Frequency.
f
R
Hz
OSC
t
=
31010
•
MODE/SYNC (Pin 2): Burst Mode Select and Oscillator
Synchronization.
MODE/SYNC = High. Enable Burst Mode operation. The
inductor peak inductor current will be 1/3 the current
limit value and return to zero current on each cycle.
During Burst Mode operation the operation is variable
frequency, providing a significant efficiency improve-
ment at light loads. It is recommended the Burst Mode
operation only be entered once the part has started up.
MODE/SYNC = Low. Disable Burst Mode operation and
maintain low noise, constant frequency operation.
MODE/SYNC = External CLK. Synchronization of the
internal oscillator and Burst Mode operation disable. A
clock pulse width of 100ns to 2
μs is required to
synchronize.
VIN (Pin 3): Input Supply Pin.
SW (Pin 4): Switch Pin. Connect inductor and Schottky
diode here. For applications with output voltages over
4.3V, a Schottky diode is required to ensure that the SW
pin voltage does not exceed its absolute maximum rating.
Minimize trace length to keep EMI down. For discontinu-
ous inductor current, a controlled impedance is placed
PI FU CTIO S
from SW to VIN from the IC to eliminate high frequency
ringing due to the resonant tank of the inductor and SW
node capacitance, therefore reducing EMI radiation.
GND (Pin 5): Signal and Power Ground for the IC.
PGOOD (Pin 6): Power Good Comparator Output. This
open-drain output is low when VFB < – 9% from its
regulation voltage.
VOUT (Pin 7): Output of the Synchronous Rectifier and
Bootstrapped Power Source for the IC. A ceramic capaci-
tor of at least 1
μF is required and should be located as
close to the VOUT and GND pins as possible (Pins 7 and 5).
FB (Pin 8): Feedback Pin. Connect resistor divider tap
here. The output voltage can be adjusted from 2.6V to
5.5V. The feedback reference voltage is typically 1.25V.
VC (Pin 9): Error Amp Output. A frequency compensation
network is connected to this pin to compensate the loop.
See the section “Compensating the Feedback Loop” for
guidelines.
SHDN (Pin 10): Shutdown. Grounding this pin shuts down
the IC. Tie to >1V to enable (VIN or digital gate output). To
operate with input voltages below 1V once the converter
has started, a 1M resistor from SHDN to VIN, and a 5M
resistor from SHDN to VOUT will provide sufficient hyster-
esis During shutdown the output voltage will hold up to VIN
minus a diode drop due to the body diode of the PMOS
synchronous switch. If the application requires a com-
plete disconnect during shutdown then refer to section
“Output Disconnect Circuits”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com