Electronic Components Datasheet Search
  English  ▼

X  

LTC3402 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3402
Description  2A, 3MHz Micropower Synchronous Boost Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 1 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC3402
3402fb
2A, 3MHz Micropower
Synchronous Boost Converter
The LTC
®3402 is a high efficiency, fixed frequency, step-
up DC/DC converter that operates from an input voltage
below 1V. The device includes a 0.16
ΩN-channelMOSFET
switch and a 0.18
Ω P-channel synchronous rectifier.
Switching frequencies up to 3MHz are programmed with
an external timing resistor and the oscillator can be
synchronized to an external clock. An external Schottky
diode is optional but will slightly improve efficiency.
Quiescent current is only 38
μA in Burst Mode operation,
maximizing battery life in portable applications. Burst
Mode operation is user controlled and can be enabled by
driving the MODE/SYNC pin high. If the MODE/SYNC pin
has either a clock or is driven low, then fixed frequency
switching is enabled.
Other features include a 1
μA shutdown, antiringing con-
trol, open-drain power good output, thermal shutdown
and current limit. The LTC3402 is available in the 10-lead
thermally enhanced MSOP package. Lower current appli-
cations should use the 1A rated LTC3401 synchronous
boost converter. Applications that require VOUT < 2.6V
should use the LTC3424.
All Ceramic Capacitor 2-Cell to 3.3V at 1A Step-Up Converter
■ Cellular Telephones
■ Handheld Computers
■
MP3 Players
■ 2-Way Pagers
■ GPS Receivers
■
Battery Backup Supplies
■ CCFL Backlights
■ Synchronous Rectification: Up to 97% Efficiency
■ 2A Switch Current Rating
■ Fixed Frequency Operation Up to 3MHz
■ Wide Input Range: 0.5V to 5V
■ Very Low Quiescent Current: 38
μA (Burst Mode®
Operation)
■ 2.6V to 5.5V Adjustable Output Voltage
■ 0.85V (Typ) Start-Up Voltage
■ No External Schottky Diode Required (VOUT < 4.3V)
■ Synchronizable Switching Frequency
■ Burst Mode Enable Control
■ Antiringing Control Reduces Switching Noise
■ PGOOD Output
■ OPTI-LOOP
® Compensation
■ Very Low Shutdown Current: < 1
μA
■ Small 10-Pin MSOP Package
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
IOUT (mA)
0.1
0
10
30
40
50
100
70
3402 TA02
20
80
90
60
110
100
1000
Burst Mode
OPERATION
1MHz
CONSTANT
FREQUENCY
VIN = 2.4V WITH SCHOTTKY
Efficiency
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
3
10
2
6
1
3402 TA01
LTC3402
VIN
SHDN
MODE/SYNC
PGOOD
Rt
SW
VOUT
FB
VC
GND
4
7
8
9
5
C3
470pF
C4
4.7pF
2
CELLS
C1
10
μF
R5
82k
Rt
30.1k
R2
909k
R1
549k
VOUT
3.3V
1A
L1
2.2
μH
C2
44
μF
(2
× 22μF)
C1: TAIYO YUDEN JMK212BJ106MG
C2: TAIYO YUDEN JMK325BJ226MM
L1: COILCRAFT: D03316P-222
VIN = 1.8V to 3V
0 = FIXED FREQ
1 = Burst Mode OPERATION
+
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.


Similar Part No. - LTC3402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC3402 LINER-LTC3402 Datasheet
764Kb / 32P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LTC3402EMS LINER-LTC3402EMS Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
More results

Similar Description - LTC3402

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421 Datasheet
234Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
2A, 3MHz Micropower Synchronous Boost Converter
logo
ON Semiconductor
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Linear Technology
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
1A, 3MHz Micropower Synchronous Boost Converter
LTC3421 LINER-LTC3421_15 Datasheet
245Kb / 16P
3A, 3MHz Micropower Synchronous Boost Converter with Output Disconnect
logo
ON Semiconductor
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com