Electronic Components Datasheet Search
  English  ▼

X  

BAV70WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAV70WS
Description  Multiple Terminals SMD Switching Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAV70WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAV70WS Datasheet HTML 1Page - TAITRON Components Incorporated BAV70WS Datasheet HTML 2Page - TAITRON Components Incorporated BAV70WS Datasheet HTML 3Page - TAITRON Components Incorporated BAV70WS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/PG
BAV70WS
Multiple Terminals
SMD Switching Diodes
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Multiple Terminals SMD Switching Diodes
Features
 Low forward voltage and low current leakage
 High speed switching application
 RoHS Compliant
Mechanical Data
Case:
SOT-323, Plastic Package
Terminals:
Solderable per MIL-STD-202, Method 208
Weight:
Approx. 0.0052 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAV70WS
Unit
Marking Code
A4/JA
VR
Reverse Voltage
70
V
IF
Forward Current
200
mA
IFM
Peak Forward Surge Current
500
mA
Pd
Total Device Dissipation FR
–5 Board (Note 1)
TA=25°C
200
mW
Derate above 25°C
1.6
mW/°C
Rth(JA)
Thermal Resistance Junction to Ambient
625
°C/W
Pd
Total Device Dissipation Alumina Substrate
(Note 2), TA=25°C
300
mW
Derate above 25°C
2.4
mW/°C
Rth(JA)
Thermal Resistance Junction to Ambient
417
°C/W
TJ, TSTG
Operating Junction and Storage
Temperature Range
-55 to +150
°C
Note:
1.
FR-
5 board is 1.0”x0.75”x0.062”
2.
Alumina=0.4”x0.3”x0.024” 99.5% Alumina
SOT-323


Similar Part No. - BAV70WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70WS SEMTECH_ELEC-BAV70WS Datasheet
295Kb / 3P
SWITCHING DIODE
logo
Nanjing International G...
BAV70WS DGNJDZ-BAV70WS Datasheet
83Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Goodwork Semiconductor ...
BAV70WS GWSEMI-BAV70WS Datasheet
918Kb / 3P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - BAV70WS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TWG4148T-16WS ETC2-TWG4148T-16WS Datasheet
179Kb / 4P
MULTIPLE TERMINALS SMD SWITCHING DIODE
logo
TAITRON Components Inco...
TWG4148T-16WS TAITRON-TWG4148T-16WS Datasheet
179Kb / 4P
MULTIPLE TERMINALS SMD SWITCHING DIODE
BAT54 TAITRON-BAT54 Datasheet
191Kb / 6P
Multiple Terminals SMD Schottky Diodes
1N4148WS TAITRON-1N4148WS_11 Datasheet
245Kb / 5P
Two Terminals SMD Switching Diodes
BAS16TWS TAITRON-BAS16TWS Datasheet
278Kb / 4P
Multiple Terminals SMD Switching Diode
BAV70DWS TAITRON-BAV70DWS Datasheet
279Kb / 4P
Multiple Terminals SMD Switching Diode
BAV99DWS TAITRON-BAV99DWS Datasheet
279Kb / 4P
Multiple Terminals SMD Switching Diode
BAW56DWS TAITRON-BAW56DWS Datasheet
279Kb / 4P
Multiple Terminals SMD Switching Diode
MMBD3004BRM TAITRON-MMBD3004BRM Datasheet
258Kb / 4P
Multiple Terminals SMD Switching Diode
TZGC2V4TWS TAITRON-TZGC2V4TWS Datasheet
376Kb / 4P
200mW Multiple Terminals SMD Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com