Electronic Components Datasheet Search
  English  ▼

X  

LTC3406AB-2 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3406AB-2
Description  2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AB-2 Datasheet(HTML) 1 Page - Linear Technology

  LTC3406AB-2 Datasheet HTML 1Page - Linear Technology LTC3406AB-2 Datasheet HTML 2Page - Linear Technology LTC3406AB-2 Datasheet HTML 3Page - Linear Technology LTC3406AB-2 Datasheet HTML 4Page - Linear Technology LTC3406AB-2 Datasheet HTML 5Page - Linear Technology LTC3406AB-2 Datasheet HTML 6Page - Linear Technology LTC3406AB-2 Datasheet HTML 7Page - Linear Technology LTC3406AB-2 Datasheet HTML 8Page - Linear Technology LTC3406AB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3406AB-2
1
3406ab2f
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3406AB2 TA01b
0
1
VOUT = 1.8V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VIN
CIN
†
4.7
μF
CER
VIN
LTC3406AB-2
RUN
2.2
μH*
22pF
619k
309k
3406AB2 TA01a
SW
VFB
GND
COUT**
10
μF
CER
VOUT
1.8V
600mA
* MURATA LQH32CN2R2M33
** TAIYO YUDEN JMK316BJ106I
† TAIYO YUDEN JMK212BJ475
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2.25MHz, 600mA
Synchronous Step-Down
Regulator in ThinSOT
The LTC®3406AB-2 is a high efficiency monolithic synchro-
nous buck regulator using a constant frequency, current
mode architecture. Supply current with no load is 200μA
and drops to <1μA in shutdown. The 2.5V to 5.5V input
voltage range makes the LTC3406AB-2 ideally suited for
single Li-Ion battery-powered applications. 100% duty
cycle provides low dropout operation, extending battery
life in portable systems. PWM pulse skipping mode op-
eration provides very low output ripple voltage for noise
sensitive applications.
Switching frequency is internally set at 2.25MHz, allowing
the use of small surface mount inductors and capacitors.
The internal synchronous switch increases efficiency and
eliminates the need for an external Schottky diode. Low
output voltages are easily supported with the 0.6V feedback
reference voltage. The LTC3406AB-2 is available in a low
profile (1mm) ThinSOT package. Refer to LTC3406A for
applications that require Burst Mode® operation.
Efficiency vs Output Current
■
High Efficiency: Up to 96%
■
600mA Output Current
■
2.5V to 5.5V Input Voltage Range
■
2.25MHz Constant Frequency Operation
■
No Schottky Diode Required
■
Low Dropout Operation: 100% Duty Cycle
■
±2% Output Voltage Accuracy
■
Low Quiescent Current: 200µA
■
0.6V Reference Allows Low Output Voltages
■
Shutdown Mode Draws <1µA Supply Current
■
Internal Soft-Start Limits Inrush Current
■
Current Mode Operation for Excellent Line and
Load Transient Response
■
Overtemperature Protected
■
Low Profile (1mm) ThinSOTTM Package
■
Cellular Telephones
■
Personal Navigation Devices
■
Wireless and DSL Modems
■
Digital Still Cameras
■
Media Players
■
Portable Instruments
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 5481178, 6580258.


Similar Part No. - LTC3406AB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406ABES5-PBF LINER-LTC3406ABES5-PBF Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406ABES5-TRPBF LINER-LTC3406ABES5-TRPBF Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406AB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560 Datasheet
327Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-2 LINER-LTC3406B-2_15 Datasheet
223Kb / 16P
2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3560 LINER-LTC3560_15 Datasheet
266Kb / 16P
2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com