Electronic Components Datasheet Search
  English  ▼

X  

D2SB05 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB05
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB05 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  D2SB05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd D2SB05 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd D2SB05 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for printed circuit board
- High case dielectric strength
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
V
VRMS
35
70
140
280
420
560
V
VDC
50
100
200
400
600
800
V
IF(AV)
A
I
2tA2s
TJ
OC
TSTG
OC
Document Number: DS_D1408052
Version: I14
Polarity:
As marked
Weight:
2 g (approximately)
D2SB05 thru D2SB80
Taiwan Semiconductor
Glass Passivated Single-Phase Bridge Rectifier
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
GBL
MECHANICAL DATA
Case:
GBL
PARAMETER
SYMBOL
D2SB
05
D2SB
10
D2SB
20
D2SB
40
D2SB
60
D2SB
80
V
IFSM
80
A
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
Maximum reverse current @ rated VR
TJ=25
oC
TJ=125
oC
IR
10
μA
500
Rating of fusing ( t<8.3ms)
26
Maximum instantaneous forward voltage (Note 1)
IF= 2 A
VF
1.1
Storage temperature range
- 55 to +150
Note 1: Pulse test with PW=300μs, 1% duty cycle
Peak forward surge current, 8.3 ms single half sine-
wave superimposed on rated load
Typical thermal resistance
RθjL
RθjA
10
47
OC/W
Operating junction temperature range
- 55 to +150


Similar Part No. - D2SB05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
D2SB05 TSC-D2SB05 Datasheet
44Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers
D2SB05 TSC-D2SB05 Datasheet
240Kb / 2P
Single Phase 1.5 AMPS. Glass Passivated Bridge Rectifiers GBL
D2SB05 TSC-D2SB05 Datasheet
124Kb / 2P
Single Phase 2.0AMPS. Glass Passivated Bridge Rectifiers
logo
SUNMATE electronic Co.,...
D2SB05 SUNMATE-D2SB05 Datasheet
459Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
More results

Similar Description - D2SB05

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com