Electronic Components Datasheet Search
  English  ▼

X  

TN0440 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TN0440
Description  M24256 and M24512 EEPROM devices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0440 Datasheet(HTML) 4 Page - STMicroelectronics

  TN0440 Datasheet HTML 1Page - STMicroelectronics TN0440 Datasheet HTML 2Page - STMicroelectronics TN0440 Datasheet HTML 3Page - STMicroelectronics TN0440 Datasheet HTML 4Page - STMicroelectronics TN0440 Datasheet HTML 5Page - STMicroelectronics TN0440 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M24xxx EEPROM: 400 kHz and 1 MHz clock
TN0440
4/6
DocID018338 Rev 2
Table 4 lists the M24xxx devices that run at 400 kHz only (and hence that cannot be used in
any application running at 1 MHz).
Table 4. I²C EEPROM and max operating clock frequency
400 kHz only
400 kHz and 1 MHz
M24C01
Process letter G or S
Not significant (1 MHz not specified in the data sheet)
M24C02
Process letter G or S
Not significant (1 MHz not specified in the data sheet)
M24C04
Process letter G or S
Not significant (1 MHz not specified in the data sheet)
M24C08
Process letter G or S
Not significant (1 MHz not specified in the data sheet)
M24C16
Process letter G or S
Not significant (1 MHz not specified in the data sheet)
M24C32
Process letter P or A
Process letter K
M24C64
Process letter P or A
Process letter K
M24C128
Process letter P or A
Process letter K
M24256
Process letter A
Process letter K
M24512
Process letter A or B
Process letter K
M24M01
Process letters A and K
M24M02
Process letter K



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com