Electronic Components Datasheet Search
  English  ▼

X  

D2SB80 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # D2SB80
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

D2SB80 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  D2SB80 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd D2SB80 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd D2SB80 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd D2SB80 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
D2SB80
D2SB80
(TA=25
oC unless otherwise noted)
Document Number: DS_D1408052
Version: I14
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
Note 1: "xx" defines voltage from 50V (D2SB05) to 800V (D2SB80)
D2SBxx
(Note 1)
C2
Suffix "G"
GBL
X0
25 / Tube
DESCRIPTION
GBL
D2
GBL
EXAMPLE
25 / Tube
25 / Tube / Forming
D2SB05 thru D2SB80
Taiwan Semiconductor
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
ORDERING INFORMATION
RATINGS AND CHARACTERISTICS CURVES
D2SB80 C2
C2
D2SB80 C2G
C2
G
Green compound
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
20
30
40
50
60
70
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=125oC
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH-300μs
1% DUTY CYCLE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com