Electronic Components Datasheet Search
  English  ▼

X  

UM0097 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 15Page - STMicroelectronics UM0097 Datasheet HTML 16Page - STMicroelectronics UM0097 Datasheet HTML 17Page - STMicroelectronics UM0097 Datasheet HTML 18Page - STMicroelectronics UM0097 Datasheet HTML 19Page - STMicroelectronics UM0097 Datasheet HTML 20Page - STMicroelectronics UM0097 Datasheet HTML 21Page - STMicroelectronics UM0097 Datasheet HTML 22Page - STMicroelectronics UM0097 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 229 page
background image
UM0097
Peripheral firmware overview
19/229
Voltage regulator status
The following enumeration defines the states of the voltage regulator. The VR_Status
enumeration is defined in the file 71x_pcu.h:
typedef enum
{
PCU_STABLE,
PCU_UNSTABLE
} PCU_VR_Status;
Table 5 describes the status of PCU voltage regulator.
PCU voltage regulators
The following enumeration defines the power control unit voltage regulators. The PCU_VR
enumeration is declared in the file 71x_pcu.h:
typedef enum
{
PCU_MVR = 0x0008,
PCU_LPR = 0x0010
} PCU_VR;
Table 6 describes the PCU voltage regulators.
WFI clocks
The following enumeration defines the WFI mode clocks. WFI_CLOCKS enumeration is
declared in the file 71x_pcu.h:
typedef enum
{
WFI_CLOCK2_16,
WFI_Ck_AF
} WFI_CLOCKS;
Table 7 lists the different WFI Clocks.
Table 5.
PCU voltage regulator status
Regulator State
Description
PCU_STABLE
The Main Voltage Regulator is stable and can be used to power the device.
PCU_UNSTABLE
The Main Voltage Regulator is not yet stable
Table 6.
PCU voltage regulator descriptions
Voltage Regulators
Description
PCU_MVR
The Main Voltage Regulator
PCU_LPR
The Low Power Voltage Regulator
Table 7.
WFI clocks
WFI Clocks
Description
WFI_CLOCK2_16
CLOCK2/16 clock is selected during LPWFI
WFI_Ck_AF
The RTC clock is selected during LPWFI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com