Electronic Components Datasheet Search
  English  ▼

X  

UM0193 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 7Page - STMicroelectronics UM0193 Datasheet HTML 8Page - STMicroelectronics UM0193 Datasheet HTML 9Page - STMicroelectronics UM0193 Datasheet HTML 10Page - STMicroelectronics UM0193 Datasheet HTML 11Page - STMicroelectronics UM0193 Datasheet HTML 12Page - STMicroelectronics UM0193 Datasheet HTML 13Page - STMicroelectronics UM0193 Datasheet HTML 14Page - STMicroelectronics UM0193 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
UM0193
Hardware
11/35
1.7.2
General purpose output connector
Jumpers J26 and J29 configure the supply voltage for the 8-bit output connector as
described in Appendix C: Jumper settings. The GP output connector is compatible with
VN808 and VN340 Evaluation Boards.
Figure 12.
GPIO output connector pinout
Table 9.
J27 8-bit Output GPIO connections
J27 Pin
Signal
STR730F MCU
Peripheral
1
+5V DC connected by jumper J26
2
GND connected by jumper J29
3
STATUS0
Port 1.11
GPIO
4
D7
Port 1.7
GPIO
5
D6
Port 1.6
GPIO
6
D5
Port 1.5
GPIO
7
D4
Port 1.4
GPIO
8
D3
Port 1.3
GPIO
9
D2
Port 1.2
GPIO
10
D1
Port 1.1
GPIO
11
D0
Port 1.0
GPIO
12
STATUS3
Port 1.8
GPIO
13
STATUS2
Port 1.9
GPIO
14
STATUS1
Port 1.10
GPIO
1
2
3
4
5
6
7
8
9
10 12 14
11 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com