Electronic Components Datasheet Search
  English  ▼

X  

LTC5535 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC5535
Description  Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5535 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC5535 Datasheet HTML 4Page - Linear Technology LTC5535 Datasheet HTML 5Page - Linear Technology LTC5535 Datasheet HTML 6Page - Linear Technology LTC5535 Datasheet HTML 7Page - Linear Technology LTC5535 Datasheet HTML 8Page - Linear Technology LTC5535 Datasheet HTML 9Page - Linear Technology LTC5535 Datasheet HTML 10Page - Linear Technology LTC5535 Datasheet HTML 11Page - Linear Technology LTC5535 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC5535
8
5535f
BLOCK DIAGRA
PI FU CTIO S
RFIN (Pin 1): RF Input Voltage. Referenced to VCC. A
coupling capacitor must be used to connect to the RF
signal source. The frequency range is 600MHz to 7GHz.
This pin has an internal 500Ω termination, an internal
Schottky diode detector and a peak detector capacitor.
GND (Pin 2): Ground.
VOS (Pin 3): VOUT Offset Voltage Adjustment. From 0V to
200mV, VOUT does not change. Above 200mV, VOUT will
track VOS.
VM (Pin 4): Negative Input to Output Amplifier.
VOUT (Pin 5): Detector Output.
VCC(Pin6):PowerSupplyVoltage,2.7Vto5.5V.VCCshould
be bypassed appropriately with ceramic capacitors.
–
+
–
+
5535 BD
5pF
VOUT
GND
12pF TO 200pF
(DEPENDING ON
APPLICATION)
2
5
VM
4
VOS
6
OUTPUT
AMPLIFIER
500Ω
500Ω
RF DET
AMPLIFIER
50µA50µA
20k
BIAS
RFSOURCE
RFIN
VCC
1
7.5k
7.5k
–
+
+
200mV
3
20k
VP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com