Electronic Components Datasheet Search
  English  ▼

X  

LTC6906 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6906
Description  Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6906 Datasheet(HTML) 1 Page - Linear Technology

  LTC6906 Datasheet HTML 1Page - Linear Technology LTC6906 Datasheet HTML 2Page - Linear Technology LTC6906 Datasheet HTML 3Page - Linear Technology LTC6906 Datasheet HTML 4Page - Linear Technology LTC6906 Datasheet HTML 5Page - Linear Technology LTC6906 Datasheet HTML 6Page - Linear Technology LTC6906 Datasheet HTML 7Page - Linear Technology LTC6906 Datasheet HTML 8Page - Linear Technology LTC6906 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LTC6906
1
6906fc
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Micropower, 10kHz to 1MHz
Resistor Set Oscillator
in SOT-23
The LTC®6906 is a precision programmable oscillator that
is versatile, compact and easy to use. Micropower opera-
tion benefits portable and battery-powered equipment. At
100kHz, the LTC6906 consumes 12μA on a 3.3V supply.
A single resistor programs the oscillator frequency over
a 10:1 range with better than 0.5% initial accuracy. The
output frequency can be divided by 1, 3 or 10 to span a
100:1 total frequency range, 10kHz to 1MHz.
The LTC6906 is easily programmed according to this
simple formula:
ƒOUT =
1MHz
N
•
100k
RSET
⎛
⎝
⎜
⎞
⎠
⎟,N =
10,
3,
1,
⎧
⎨
⎪
⎩
⎪
DIV Pin
= V+
DIV Pin
= Open
DIV Pin
= GND
No decoupling capacitor is needed in most cases, yield-
ing an extremely compact solution occupying less than
20mm2. Contact LTC Marketing for a version of the part
with a shutdown feature or lower frequency operation.
The LTC6906 is available in the 6-lead SOT-23 (ThinSOT)
package.
Micropower Clock Generator
APPLICATIONS
n Supply Current: 12μA at 100kHz
n <0.65% Frequency Accuracy (from 0°C to 70°C)
n Frequency Range: 10kHz to 1MHz
n One Resistor Sets the Oscillator Frequency
n Single Supply: 2.25V to 5.5V
n –40°C to 125°C Operating Temperature Range
n No Decoupling Capacitor Needed
n Start-Up Time Under 200μs at 1MHz
n First Cycle After Power-Up is Accurate
n 150Ω CMOS Output Driver
n Low Profile (1mm) SOT-23 (ThinSOT™) Package
n Low Cost Precision Programmable Oscillator
n Rugged, Compact Micropower Replacement for
Crystal and Ceramic Oscillators
n High Shock and Vibration Environments
n Portable and Battery-Powered Equipment
n PDAs and Cellular Phones
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners.
Typical Supply Current vs Frequency
10kHz TO 1MHz
NO DECOUPLING
CAPACITOR
NEEDED
6906 TA01
RSET
100k TO 1M
2.25V TO 3.6V
1
3
10
V+
GND
DIV
OUT
GRD
SET
LTC6906
FREQUENCY (kHz)
0
0
10
30
40
50
800
90
6906 TA01b
20
400
200
1000
600
1200
60
70
80
V+ = 3.6V
V+ = 2.25V
CL = 5pF
TA = 25°C


Similar Part No. - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6906 LINER-LTC6906 Datasheet
367Kb / 28P
TimerBlox: Long Timer, Low Frequency Oscillator
logo
Analog Devices
LTC6906 AD-LTC6906 Datasheet
1Mb / 34P
Voltage-Controlled Pulse Width Modulator (PWM)
11/19-REV.D
LTC6906 AD-LTC6906 Datasheet
755Kb / 28P
TimerBlox: Delay Block/ Debouncer
11/19-REV.C
LTC6906 AD-LTC6906 Datasheet
661Kb / 24P
TimerBlox: Resettable, Low Frequency Oscillator
Rev. D
More results

Similar Description - LTC6906

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1799 LINER-LT1799 Datasheet
120Kb / 4P
1kHz to 30MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6900 LINER-LTC6900 Datasheet
187Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC6906 LINER-LTC6906 Datasheet
173Kb / 12P
Micropower, 10kHz to 1MHz Resistor Set Oscillator in SOT-23
LTC6907 LINER-LTC6907 Datasheet
170Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6900 LINER-LTC6900_15 Datasheet
165Kb / 12P
Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
LTC1799 LINER-LTC1799_15 Datasheet
242Kb / 14P
1kHz to 33MHz Resistor Set SOT-23 Oscillator
LTC6905 LINER-LTC6905_15 Datasheet
176Kb / 12P
17MHz to 170MHz Resistor Set SOT-23 Oscillator
LTC6907 LINER-LTC6907_15 Datasheet
176Kb / 12P
Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com