Electronic Components Datasheet Search
  English  ▼

X  

TWD160WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TWD160WS
Description  Two Terminals SMD Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TWD160WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TWD160WS Datasheet HTML 1Page - TAITRON Components Incorporated TWD160WS Datasheet HTML 2Page - TAITRON Components Incorporated TWD160WS Datasheet HTML 3Page - TAITRON Components Incorporated TWD160WS Datasheet HTML 4Page - TAITRON Components Incorporated TWD160WS Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. B/AH
TWD160WS
Two Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Two Terminals SMD Switching Diode
Features
• Low Forward Voltage
• Fast Reverse Recovery Time
• Small Total Capacitance
• RoHS Compliant
Mechanical Data
Case:
SOD-323, Plastic Case
Terminals:
Solderable per MIL-STD-750, Method 2026
Polarity:
Color band denotes cathode end
Weight:
Approx. 0.0041 gram
Maximum Ratings (T Ambient=25ºC unless noted otherwise)
Symbol
Description
TWD160WS
Unit
Conditions
Marking Code
UF
VRM
Max. Reverse Voltage
80
V
VRRM
Peak Reverse Voltage
85
V
IFM
Max. Peak Forward Current
300
mA
IF(AV)
Max. Forward Average Current at TA=25° C
100
mA
IFSM
Peak Forward Surge Current, Pulse Width=10mS
2.0
A
PD
Power Dissipation
200
mW
Note
TJ
Junction Temperature
150
° C
TSTG
Storage Temperature Range
-55 to +150
° C
Note: Mounted on a glass epoxy circuit board of 20x20mm, pad dimension of 4x4mm.
SOD-323


Similar Part No. - TWD160WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
Two Terminals SMD Switching Diode
TWD160WU TAITRON-TWD160WU Datasheet
153Kb / 5P
Two Terminals SMD Switching Diode
More results

Similar Description - TWD160WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TWD4148-160WS TAITRON-TWD4148-160WS Datasheet
142Kb / 5P
Two Terminals SMD Switching Diode
TWD4148-160WT TAITRON-TWD4148-160WT Datasheet
164Kb / 5P
Two Terminals SMD Switching Diode
TWD4148-160WU TAITRON-TWD4148-160WU Datasheet
147Kb / 5P
Two Terminals SMD Switching Diode
TWD4148-400WU TAITRON-TWD4148-400WU Datasheet
185Kb / 5P
Two Terminals SMD Switching Diode
1N4148WU TAITRON-1N4148WU Datasheet
182Kb / 5P
Two Terminals SMD Switching Diode
1N4448WU TAITRON-1N4448WU Datasheet
180Kb / 5P
Two Terminals SMD Switching Diode
TWD160WT TAITRON-TWD160WT Datasheet
170Kb / 5P
Two Terminals SMD Switching Diode
TWD160WU TAITRON-TWD160WU Datasheet
153Kb / 5P
Two Terminals SMD Switching Diode
TWD400WT TAITRON-TWD400WT Datasheet
199Kb / 5P
Two Terminals SMD Switching Diode
TWD400WU TAITRON-TWD400WU Datasheet
190Kb / 5P
Two Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com