Electronic Components Datasheet Search
  English  ▼

X  

UM0238 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0238
Description  STR91x demonstration software
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0238 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0238 Datasheet HTML 12Page - STMicroelectronics UM0238 Datasheet HTML 13Page - STMicroelectronics UM0238 Datasheet HTML 14Page - STMicroelectronics UM0238 Datasheet HTML 15Page - STMicroelectronics UM0238 Datasheet HTML 16Page - STMicroelectronics UM0238 Datasheet HTML 17Page - STMicroelectronics UM0238 Datasheet HTML 18Page - STMicroelectronics UM0238 Datasheet HTML 19Page - STMicroelectronics UM0238 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Running the demonstrations
STR91x demonstration software
16/20
Note:
When an alarm is occurred the Alarm wave is played.
2.4.2
Wave player
The STR91x microcontroller has several embedded Timers which can be used for timing
purposes and generating the output signals. In this case, we use 2 Timers (TIM) the first
Timer TIM3 is configured to generate a PWM signal with a tunable duty cycle. The second
Timer TIM0 is used to generate an Update interrupt every 45.35 µs (22.05 KHz) which
correspond to the TIM3 Duty cycle update.
The wave file has the following characteristics:
●
*.wav file
●
Audio Format: PCM
●
Sample rate: 22050 Hz
●
Bits Per Sample: 8 bits
●
Number Of Channels: Mono
There is one wave to play:
●
OSIRIS
The following message is displayed on the LCD:
You can re-play a wave only by selecting "Play/Replay". The following message is displayed
on the LCD:
If "SEL" pressed, The following message is displayed on the LCD:
To stop playing press "SEL" or wait until the end of the wave and the MCU will stop it
automatically.
2.4.3
USB mouse demo
The STR91x microcontroller provides an USB (Universal Serial Bus) which provide an
interface between a full-speed USB bus and the AHB bus.
OSIRIS
Wave Player
OSIRIS
Play/Replay
STOP
OSIRIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com