Electronic Components Datasheet Search
  English  ▼

X  

MPSA05 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPSA05
Description  EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA05 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPSA05 Datasheet HTML 1Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1998. 1. 9
1/1
SEMICONDUCTOR
TECHNICAL DATA
MPSA05
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
DRIVER STAGE AMPLIFIER APPLICATIONS.
VOLTAGE AMPLIFIER APPLICATIONS.
FEATURES
Complementary to MPSA55.
Driver Stage Application of 20 to 25 Watts Amplifiers.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
100
nA
Emitter Cut-off Current
ICEO
VCE=60V, IB=0
-
-
100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=5mA, IB=0
60
-
-
V
DC Current Gain
hFE(1)
VCE=1V, IC=10mA
100
-
-
hFE(2)
VCE=1V, IC=100mA
100
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=10mA
-
-
0.25
V
Base-Emitter Voltage
VBE
VCE=1V, IC=100mA
-
-
1.2
V
Transition Frequency
fT
VCE=1V, IC=10mA
80
-
-
MHz
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
10
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
500
mA
Emitter Current
IE
-500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature
Tstg
-55 150


Similar Part No. - MPSA05

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA05 MOTOROLA-MPSA05 Datasheet
239Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
MPSA05 ONSEMI-MPSA05 Datasheet
111Kb / 8P
Amplifier Transistors
October, 2001 ??Rev. 1
logo
Transys Electronics
MPSA05 TRSYS-MPSA05 Datasheet
151Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
Fairchild Semiconductor
MPSA05 FAIRCHILD-MPSA05 Datasheet
50Kb / 4P
NPN General Purpose Amplifier
logo
Weitron Technology
MPSA05 WEITRON-MPSA05 Datasheet
107Kb / 4P
Driver NPN Transistors
More results

Similar Description - MPSA05

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA817A TOSHIBA-2SA817A Datasheet
150Kb / 2P
TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS)
2SC1627 TOSHIBA-2SC1627 Datasheet
147Kb / 2P
TRANSISTOR (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS)
02-Sep-1996
2SC4209 TOSHIBA-2SC4209 Datasheet
131Kb / 3P
NPN EPITAXIAL YTP (DRIVER STAGE, VOLTAGE AMPLIFIER APPLICATIONS)
17-Dec-1998
2SC4793 TOSHIBA-2SC4793 Datasheet
147Kb / 2P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, DRIVER STAGE AMPLIFIER APPLICATIONS)
06-May-1997
2SC5154 TOSHIBA-2SC5154 Datasheet
181Kb / 3P
NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS
2SC5171 TOSHIBA-2SC5171 Datasheet
145Kb / 2P
NPN EPITAXIAL TYPE (POWER, DRIVER STAGE AMPLIFIER APPLICATIONS)
logo
KEC(Korea Electronics)
KTC4793 KEC-KTC4793 Datasheet
392Kb / 2P
TRIPLE DIFFUSED NPN TRANSISTOR(POWER AMPLIFIER DRIVER STAGE AMPLIFIER)
MMBTA05 KEC-MMBTA05 Datasheet
113Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
MMBTA06 KEC-MMBTA06 Datasheet
107Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
MPSA06 KEC-MPSA06 Datasheet
57Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (DRIVER STAGE AMPLIFIER, VOLTAGE AMPLIFIER)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com