Electronic Components Datasheet Search
  English  ▼

X  

UM0248 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0248
Description  This user manual describes the driver functions developed
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0248 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0248 Datasheet HTML 7Page - STMicroelectronics UM0248 Datasheet HTML 8Page - STMicroelectronics UM0248 Datasheet HTML 9Page - STMicroelectronics UM0248 Datasheet HTML 10Page - STMicroelectronics UM0248 Datasheet HTML 11Page - STMicroelectronics UM0248 Datasheet HTML 12Page - STMicroelectronics UM0248 Datasheet HTML 13Page - STMicroelectronics UM0248 Datasheet HTML 14Page - STMicroelectronics UM0248 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UM0248
ENET firmware library
11/26
ReceiveALL
Specifies the ENET MAC reception mode of incoming frames. This member can be
one of the following values:
MIIPrescaler
Specifies the HCLK divider used to generate the MII_MDC clock. This member can be
one of the following values:
LoopbackMode
Selects the MAC normal or loopback operating mode. This member can be set to
ENABLE or DISABLE.
AddressFilteringMode
Specifies the address filtering mode rules applied to the received frames. This member
can be one of the following values:
ReceiveALL
Meaning
ENABLE
ENET MAC receives all the valid incoming frames
regardless of the destination address
DISABLE
The incoming frames are received only if the address
matches with the programmed filtering rules
MIIPrescaler
Meaning
MIIPrescaler_1
MIIPrescaler = 0, when HCLK < 50MHz
MIIPrescaler_2
MIIPrescaler = 1, when HCLK >= 50MHz
AddressFilteringMode
Meaning
MAC_Perfect_Multicast
Perfect address filtering for MAC physical address
and Multicast address
MAC_Perfect_Muticast_Hash
Perfect address filtering for MAC physical address
and Hash filtering for Multicast address
MAC_Hash_Multicast_Hash
Hash filtering for physical and Muticast address
Inverse
The frame is accepted when MAC pysical address
and mutlicast address failed
Promiscuous
No address filtering, accept all frames
MAC_Hash_Muticast_All
Hash filtering for MAC physical address and accept
all muticast addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com