Electronic Components Datasheet Search
  English  ▼

X  

MPSA27 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPSA27
Description  EPITAXIAL PLANAR NPN TRANSISTOR (DARLINGTON TRANSISTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA27 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPSA27 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA27 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2002. 2. 20
2/2
MPSA27
Revision No : 1
COLLECTOR CURRENT I
(mA)
C
V
, V
- I
CE(sat)
C
BASE-EMITTER VOLTAGE V
(V)
V
=5V
0
30
50
1
3
5
10
100
CE
200
I
- VBE
BE
0.4
0.8
1.2
1.6
2.0
2.4
C
BE(sat)
1
COLLECTOR CURRENT I
(mA)
C
h
- I
FE
C
3
10
30
100
300
1K
1K
3K
10K
30K
100K
300K
1000k
V
=5V
CE
I /I =1000
C B
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
100
30
3
11 0
550
SINGLE NONREPE-
TITIVE PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE IN
TEMPERATURE
*
I MAX(PULSED)
C
*
C
I MAX(CONTINUOUS)
*
*
*
DC
OPE
RAT
ION
Tc=2
5 C
Ta=
25
C
10
30
50
100
300
500
1K
2K
4
10
30
100
300 500
VBE(sat)
VCE(sat)
0.1
0.3
1
0.5
3
10
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com