Electronic Components Datasheet Search
  English  ▼

X  

MPSA44 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPSA44
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA44 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPSA44 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA44 Datasheet HTML 2Page - KEC(Korea Electronics) MPSA44 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1999. 11. 30
2/3
MPSA44/45
Revision No : 3
B
COLLECTOR CURRENT I
(mA)
C
TURN-ON SWITCHING CHARACTERISTICS
C
COLLECTOR CURRENT I
(A)
COLLECTOR CURRENT I
(mA)
C
TURN-OFF SWITCHING CHARACTERISTICS
COLLECTOR CURRENT I
(mA)
C
BASE CURRENT I
(
µA)
COLLECTOR-BASE VOLTAGE V
(V)
CB
COLLECTOR SATURATION REGION
COMMON EMITTER
0.1
100
10
3
1
h
- I
11
0k
10
100
13
0.1
10
100
0.1
1
0
10
100
V
, V
- I
10
100
0
0.1
1
1k
10k
10
100
C
, C
- V
FE
C
0
20
40
60
80
100
120
140
160
1k
180
200
V
=10V
CE
30
0.3
0.5
1
3
5
10
V
=150V
I /I =10
Ta=25 C
V
(OFF)=4V
CC
C
B
BE
tr
td
30
0.3
0.5
1
3
5
10
30
50
100
ts
tf
V
=150V
I /I =10
Ta=25 C
CC
C
B
ib
ob
CB
1k
1
3
5
10
30
50
100
300
500
1k
C
C
ib
ob
Ta=25 C
f=1MHz
BE(sat)
CE(sat)
C
1k
0.2
0.4
0.6
0.8
1.0
V
@I /I =10
BE(sat)
C B
@V
=10V
BE(on)
V
CE
V
@I /I =10
C B
CE(sat)
100k
0.1
0.2
0.3
0.4
0.5
I =1mA
C
I =10mA
C
I =50mA
C
Ta=25 C
Ta=25 C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com